Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP310ECT/TR Datasheet(PDF) 12 Page - Sipex Corporation

Part # SP310ECT/TR
Description  High-Performance RS-232 Line Drivers/Receivers
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP310ECT/TR Datasheet(HTML) 12 Page - Sipex Corporation

Back Button SP310ECT/TR Datasheet HTML 7Page - Sipex Corporation SP310ECT/TR Datasheet HTML 8Page - Sipex Corporation SP310ECT/TR Datasheet HTML 9Page - Sipex Corporation SP310ECT/TR Datasheet HTML 10Page - Sipex Corporation SP310ECT/TR Datasheet HTML 11Page - Sipex Corporation SP310ECT/TR Datasheet HTML 12Page - Sipex Corporation SP310ECT/TR Datasheet HTML 13Page - Sipex Corporation SP310ECT/TR Datasheet HTML 14Page - Sipex Corporation SP310ECT/TR Datasheet HTML 15Page - Sipex Corporation  
Zoom Inzoom in Zoom Outzoom out
 12 / 15 page
background image
Date: 7/19/04
SP202E Series High Performance RS232 Transceivers
© Copyright 2004 Sipex Corporation
12
Ø
Ø1
1.65
TOP VIEW
SECTION B-B
16 PIN NSOIC
b
c
WITH PLATING
BASE METAL
b
DIMENSIONS
in
(mm)
16 Pin NSOIC
(JEDEC MS-012,
AC - VARIATION)
A
A1
A2
b
c
L
e
E1
E
L2
L1
1.35
0.40
0.31
0.51
SYMBOL
MIN NOM MAX
0.10
-
0.25
1.75
1.25
0.17
0.25
6.00 BSC
3.90 BSC
1.27 BSC
1.27
1.04 REF
0.25 BSC
0º
5º
8º
15º
L1
L
Ø
Ø1
Ø1
Seating Plane
Gauge Plane
L2
VIEW C
A
A2
A1
SIDE VIEW
E
E/2
E1
INDEX AREA
(D/2 X E1/2)
E1/2
D
SEE VIEW C
1
-
-
-
-
-
-
-
Seating Plane
B
B
e
D
9.90 BSC
PACKAGE: 16 PIN NSOIC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com