Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP481 Datasheet(PDF) 1 Page - Sipex Corporation

Part # SP481
Description  Low Power Half-Duplex RS-485 Transceivers
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP481 Datasheet(HTML) 1 Page - Sipex Corporation

  SP481 Datasheet HTML 1Page - Sipex Corporation SP481 Datasheet HTML 2Page - Sipex Corporation SP481 Datasheet HTML 3Page - Sipex Corporation SP481 Datasheet HTML 4Page - Sipex Corporation SP481 Datasheet HTML 5Page - Sipex Corporation SP481 Datasheet HTML 6Page - Sipex Corporation SP481 Datasheet HTML 7Page - Sipex Corporation SP481 Datasheet HTML 8Page - Sipex Corporation SP481 Datasheet HTML 9Page - Sipex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
1
Rev. 07/28/04
SP481/483/485 Low Power Half-Duplex RS485 Transceivers
© Copyright 2002 Sipex Corporation
SP481/SP483/SP485
Low Power Half-Duplex RS-485 Transceivers
FEATURES
■ +5V Only
■ Low Power BiCMOS
■ Driver/Receiver Enable
■ Slew Rate Limited Driver for
Low EMI (SP483)
■ Low Power Shutdown Mode (SP481
and SP483)
■ RS-485 and RS-422 Drivers/Receivers
8
7
6
5
1
2
3
4
Vcc
B
A
GND
D
R
RO
RE
DE
DI
SP481, SP483, and SP485
RE
The SP481, SP483, and the SP485 are a family of half-duplex transceivers that meet the
requirements of RS-485 and RS-422. Their BiCMOS design allows low power operation
without sacrificing performance. The SP481 and SP485 meet the requirements of RS-485
and RS-422 up to 5Mbps. Additionally, the SP481 is equipped with a low power Shutdown
mode. The SP483 is internally slew rate limited to reduce EMI and can meet the requirements
of RS-485 and RS-422 up to 250kbps. The SP483 is also equipped with a low power
Shutdown mode.
DESCRIPTION
SP481, SP483, SP485
Pinout (Top View)
RO 1
RE 2
DE 3
DI 4
8
VCC
7
B
6
A
5
GND
D
R
SP485
Top View


Similar Part No. - SP481

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SP481 SIPEX-SP481 Datasheet
100Kb / 10P
Low Power Half-Duplex RS-485 Transceivers
SP481 SIPEX-SP481 Datasheet
78Kb / 10P
Low Power Half-Duplex RS-485 Transceivers
logo
SamHop Microelectronics...
SP4810 SAMHOP-SP4810 Datasheet
132Kb / 11P
Dual N-Channel Enhancement Mode Field Effect Transistor
logo
Sipex Corporation
SP481CN SIPEX-SP481CN Datasheet
100Kb / 10P
Low Power Half-Duplex RS-485 Transceivers
SP481CN SIPEX-SP481CN Datasheet
78Kb / 10P
Low Power Half-Duplex RS-485 Transceivers
More results

Similar Description - SP481

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SP481 SIPEX-SP481 Datasheet
100Kb / 10P
Low Power Half-Duplex RS-485 Transceivers
SP481E SIPEX-SP481E Datasheet
100Kb / 11P
Enhanced Low Power Half-Duplex RS-485 Transceivers
SP481 SIPEX-SP481 Datasheet
78Kb / 10P
Low Power Half-Duplex RS-485 Transceivers
SP481E SIPEX-SP481E Datasheet
519Kb / 11P
Enhanced Low Power Half-Duplex RS-485 Transceivers
SP1485E SIPEX-SP1485E Datasheet
78Kb / 11P
Enhanced Low Power Half-Duplex RS-485 Transceivers
SP481E SIPEX-SP481E_07 Datasheet
712Kb / 11P
Enhanced Low Power Half-Duplex RS-485 Transceivers
logo
Exar Corporation
SP481E EXAR-SP481E Datasheet
618Kb / 12P
Enhanced Low Power Half-Duplex RS-485 Transceivers
SP1481E EXAR-SP1481E Datasheet
576Kb / 10P
Enhanced Low Power Half-Duplex RS-485 Transceivers
SP485EN-L EXAR-SP485EN-L Datasheet
564Kb / 11P
Low Power Half-Duplex RS-485 Transceivers
SP483 EXAR-SP483_17 Datasheet
633Kb / 13P
Low Power Half-Duplex RS-485 Transceivers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com