Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XC6115D016 Datasheet(PDF) 24 Page - Torex Semiconductor

Part # XC6115D016
Description  CMOS Voltage Detector
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC6115D016 Datasheet(HTML) 24 Page - Torex Semiconductor

Back Button XC6115D016 Datasheet HTML 18Page - Torex Semiconductor XC6115D016 Datasheet HTML 19Page - Torex Semiconductor XC6115D016 Datasheet HTML 20Page - Torex Semiconductor XC6115D016 Datasheet HTML 21Page - Torex Semiconductor XC6115D016 Datasheet HTML 22Page - Torex Semiconductor XC6115D016 Datasheet HTML 23Page - Torex Semiconductor XC6115D016 Datasheet HTML 24Page - Torex Semiconductor XC6115D016 Datasheet HTML 25Page - Torex Semiconductor XC6115D016 Datasheet HTML 26Page - Torex Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 24 / 26 page
background image
24/26
XC6101~XC6107, XC6111~XC6117 Series
(9) Watchdog Timeout Period vs. Ambient Temperature
■
TYPICAL PERFORMANCE CHARACTERISTICS (Continued)
(10) Release Delay Time vs. Input Voltage
(11) Watchdog Timeout Period vs. Input Voltage
* ‘X’ represents both ‘0’ and ‘1’. (ex. XC61X1⇒XC6101 and XC6111)
0
50
100
150
200
250
300
-50
-25
0
25
50
75
100
Ambient Temperature: Ta (℃)
XC61X1~XC61X5
TW D=100msec
0
2
4
6
8
10
12
-50
-25
0
255075
100
Ambient Temperature: Ta (℃)
XC61X1~XC61X5
TW D=6.25msec
0
500
1000
1500
2000
2500
3000
-50
-25
0
25
50
75
100
Ambient Temperature: Ta (℃)
TW D=1.6sec
XC61X1~XC61X5
60
70
80
90
100
110
120
12
345
67
Input Voltage: VIN (V)
XC61x1~XC61x7
Ta=25℃
TDR=100msec
60
70
80
90
100
110
120
12
34
56
7
Input Voltage: VIN (V)
XC61x1~XC61x5
Ta=25℃
TW D=100msec



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com