Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP310ECA/TR Datasheet(PDF) 14 Page - Sipex Corporation

Part # SP310ECA/TR
Description  High-Performance RS-232 Line Drivers/Receivers
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP310ECA/TR Datasheet(HTML) 14 Page - Sipex Corporation

Back Button SP310ECA/TR Datasheet HTML 7Page - Sipex Corporation SP310ECA/TR Datasheet HTML 8Page - Sipex Corporation SP310ECA/TR Datasheet HTML 9Page - Sipex Corporation SP310ECA/TR Datasheet HTML 10Page - Sipex Corporation SP310ECA/TR Datasheet HTML 11Page - Sipex Corporation SP310ECA/TR Datasheet HTML 12Page - Sipex Corporation SP310ECA/TR Datasheet HTML 13Page - Sipex Corporation SP310ECA/TR Datasheet HTML 14Page - Sipex Corporation SP310ECA/TR Datasheet HTML 15Page - Sipex Corporation  
Zoom Inzoom in Zoom Outzoom out
 14 / 15 page
background image
Date: 7/19/04
SP202E Series High Performance RS232 Transceivers
© Copyright 2004 Sipex Corporation
14
N
1
23
INDEX
AREA
eA
eB
E
C
b
-
-
.210
.015
-
Dimensions in inches
18 PIN PDIP
JEDEC MS-001
(AC) Variation
.115
.130
.195
.014
.018
.022
.045
.060
.070
.240
.250
.280
A
A1
A2
b
c
D1
E
E1
e
eA
eB
.115
.130
.150
L
MIN
NOM
MAX
b2
b3
.030
.039
.045
D
.008
.010
.014
.880
.900
.920
.005
.300
.310
.325
.100 BSC
.300 BSC
.430
D1
-
--
-
-
N/2
18 pin PDIP
E
E1
D
A
L
A2
A1
b
b2
e
b3
c
PACKAGE: 18 PIN PDIP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com