Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP485 Datasheet(PDF) 4 Page - Sipex Corporation

Part # SP485
Description  Low Power Half-Duplex RS-485 Transceivers
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP485 Datasheet(HTML) 4 Page - Sipex Corporation

  SP485 Datasheet HTML 1Page - Sipex Corporation SP485 Datasheet HTML 2Page - Sipex Corporation SP485 Datasheet HTML 3Page - Sipex Corporation SP485 Datasheet HTML 4Page - Sipex Corporation SP485 Datasheet HTML 5Page - Sipex Corporation SP485 Datasheet HTML 6Page - Sipex Corporation SP485 Datasheet HTML 7Page - Sipex Corporation SP485 Datasheet HTML 8Page - Sipex Corporation SP485 Datasheet HTML 9Page - Sipex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
4
Rev. 07/16/02
SP481/483/485 Low Power Half-Duplex RS485 Transceivers
© Copyright 2002 Sipex Corporation
PIN FUNCTION
Pin#
Name
Description
1
RO
Receiver Output.
2
RE
Receiver Output Enable
Active LOW.
3
DE
Driver Output Enable
Active HIGH.
4
DI
Driver Input.
5
GND
Ground Connection.
6
A
Driver Output/Receiver Input
Non-inverting.
7
B
Driver Output/Receiver Input
Inverting.
8
Vcc
Positive Supply 4.75V<Vcc< 5.25V.
SP481, SP483, SP485
Pinout (Top View)
RO 1
RE 2
DE 3
DI 4
8 VCC
7 B
6 A
5 GND
D
R
SP485
Top View
SP483 AC SPECIFICATIONS
T
MIN to TMAX and VCC = 5V ± 5% unless otherwise noted.
PARAMETERS
MIN.
TYP.
MAX.
UNITS
CONDITIONS
SP483 DRIVER
AC Characteristics
Maximum Data Rate
250
kbps
Driver Input to Output
250
800
2000
ns
t
PLH; RDIFF = 54Ω, CL1 = CL2
= 100pF;
see figures 3 & 6
Driver Skew
250
800
2000
ns
t
PHL; RDIFF = 54Ω, CL1 = CL2
= 100pF;
see figures 3 & 6
Driver Rise and Fall Time
100
800
ns
see figures 3 & 6,
t
SKEW = |tDPLH - tDPHL|
250
2000
ns
From 10% to 90%; R
DIFF = 54Ω,
C
L1 = CL2 = 100pF, see figures 3 & 6
Driver Enable to Output High
250
2000
ns
C
L = 100pF; See figures 4 & 7; S2 closed
Driver Enable to Output Low
250
2000
ns
C
L = 100pF; See figures 4 & 7; S1 closed
Driver Disable Time from Low
300
3000
ns
C
L = 15pF; See figures 4 & 7; S1 closed
Driver Disable Time from High
300
3000
ns
C
L = 15pF; See figures 4 & 7; S2 closed
SP483 RECEIVER
AC Characteristics
Maximum Data Rate
250
kbps
Receiver Input to Output
250
2000
ns
t
PLH; RDIFF = 54Ω, CL1 = CL2 = 100pF;
Figures 3 & 8
Diff. Receiver Skew It
PLH-tPHLI
100
ns
R
DIFF = 54Ω, CL1 = CL2 = 100pF;
Figures 3 & 8
Receiver Enable to
Output Low
20
50
ns
C
RL = 15pF; Figures 2 & 9; S1 closed
Receiver Enable to
Output High
20
50
ns
C
RL = 15pF; Figures 2 & 9; S2 closed
Receiver Disable from Low
20
50
ns
C
RL = 15pF; Figures 2 & 9; S1 closed
Receiver Disable from High
20
50
ns
C
RL = 15pF; Figures 2 & 9; S2 closed
SP483
Shutdown Timing
Time to Shutdown
50
200
600
ns
RE = 5V, DE = 0V
Driver Enable from Shutdown
to Output High
2000
ns
C
L = 100pF; See figures 4 & 7; S2 closed
Driver Enable from Shutdown
to Output Low
2000
ns
C
L = 100pF; See figures 4 & 7; S1 closed
Receiver Enable from
Shutdown to Output High
2500
ns
C
L = 15pF; See figures 4 & 7; S2 closed
Receiver Enable from
Shutdown to Output Low
2500
ns
C
L = 15pF; See figures 4 & 7; S1 closed



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com