Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RF2320 Datasheet(PDF) 2 Page - RF Micro Devices

Part # RF2320
Description  LINEAR GENERAL PURPOSE AMPLIFIER
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF2320 Datasheet(HTML) 2 Page - RF Micro Devices

  RF2320 Datasheet HTML 1Page - RF Micro Devices RF2320 Datasheet HTML 2Page - RF Micro Devices RF2320 Datasheet HTML 3Page - RF Micro Devices RF2320 Datasheet HTML 4Page - RF Micro Devices RF2320 Datasheet HTML 5Page - RF Micro Devices RF2320 Datasheet HTML 6Page - RF Micro Devices RF2320 Datasheet HTML 7Page - RF Micro Devices RF2320 Datasheet HTML 8Page - RF Micro Devices RF2320 Datasheet HTML 9Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
2 of 12
RF2320
Rev A14 DS070116
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or sales-support@rfmd.com.
Absolute Maximum Ratings
Parameter
Rating
Unit
Device Current
175
mA
Device Voltage
9
V
Input RF Power
+10
dBm
Output Load VSWR
20:1
Ambient Operating Temperature
-40 to +85
°C
Storage Temperature
-40 to +150
°C
Parameter
Specification
Unit
Condition
Min.
Typ.
Max.
Overall
T=25 °C, PIN=-8dBm, Freq=1000MHz unless
otherwise specified
Frequency Range
5 to 2500
MHz
Input VSWR
1.7:1
2:1
Output VSWR
1.3:1
1.7:1
Reverse Isolation
20
22
dB
Supply Voltage (V
DD)
679
V
50
Ω Board
VDD=6V
Gain
14.5
15.6
17.0
dB
At 100MHz
15.0
17.0
19.0
dB
At 2000MHz
Noise Figure
1.8
2.0
dB
Output IP3
30
33
dBm
At 100MHz
29
32
dBm
At 1000MHz
Output IP2
40
43
dBm
At 1000MHz
Output P1dB
20
21.5
dBm
At 100MHz
20
22
dBm
At 1000MHz
Current
687888
mA
VDD=7V
Gain
14
16
18
dB
At 100MHz
15
17
19
dB
At 1000MHz
Noise Figure
1.8
2.0
dB
Output IP3
32
34
dBm
At 100MHz
31
33
dBm
At 1000MHz
Output IP2
41
43
dBm
At 1000MHz
Output P1dB
20
22
dBm
At 100MHz
21
23
dBm
At 1000MHz
Current
708090
dB
Gain Flatness
±0.5
±0.9
dB
40MHz, 1000MHz and 1500MHz relative to
500MHz
Caution! ESD sensitive device.
The information in this publication is believed to be accurate and reliable. How-
ever, no responsibility is assumed by RF Micro Devices, Inc. ("RFMD") for its use,
nor for any infringement of patents, or other rights of third parties, resulting
from its use. No license is granted by implication or otherwise under any patent
or patent rights of RFMD. RFMD reserves the right to change component cir-
cuitry, recommended application circuitry and specifications at any time without
prior notice.
RoHS status based on EUDirective2002/95/EC (at time of this document revi-
sion).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com