Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RF2362 Datasheet(PDF) 2 Page - RF Micro Devices

Part # RF2362
Description  PCS CDMA/TDMA 3V PA DRIVER AMPLIFIER
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF2362 Datasheet(HTML) 2 Page - RF Micro Devices

  RF2362 Datasheet HTML 1Page - RF Micro Devices RF2362 Datasheet HTML 2Page - RF Micro Devices RF2362 Datasheet HTML 3Page - RF Micro Devices RF2362 Datasheet HTML 4Page - RF Micro Devices RF2362 Datasheet HTML 5Page - RF Micro Devices RF2362 Datasheet HTML 6Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
4-342
RF2362
Rev A5 020607
Absolute Maximum Ratings
Parameter
Rating
Unit
Supply Voltage
-0.5 to +8.0
VDC
Input RF Level
+10
dBm
Operating Ambient Temperature
-40 to +85
°C
Storage Temperature
-40 to +150
°C
Parameter
Specification
Unit
Condition
Min.
Typ.
Max.
Overall
RF Frequency Range
150 to 2500
MHz
1880MHz Performance
Schematic per Evaluation Board, T = 25°C,
RF=1880MHz, VPD=2.8V
Gain
19
20.1
21.5
dB
VCC=3.5V
19
20.1
21.5
dB
VCC=3.0V
19
20.1
21.5
dB
VCC=2.7V
Output IP3
+24
+25.5
+35
dBm
VCC=3.5V
+25.0
dBm
VCC=3.0V
+24.5
dBm
VCC=2.7V
Noise Figure
2.2
2.5
dB
VCC=3.5V
2.2
2.5
dB
VCC=3.0V
2.2
2.5
dB
VCC=2.7V
Reverse Isolation
32
dB
VCC=3.5V
32
dB
VCC=3.0V
32
dB
VCC=2.7V
Input VSWR
1.8:1
2.0:1
Output VSWR
1.6:1
2.0:1
Using External LC network used on Evalua-
tion Board
P1dB
14
14.5
dBm
VCC=3.5V
12.5
14
dBm
VCC=3.0V
11
13.5
dBm
VCC=2.7V
Power Supply
T=25 °C
Voltage (VCC)
2.5 to 6.0
V
Voltage (VPD)
2.7
2.8
2.9
V
Current Consumption
35
43
mA
VCC=3.5V; VPD=2.8 V; VPD+ VCC - Current
Consumption from VPD is 8.5 mA Typ. @
VPD = 2.8V and 12 mA Max @ VPD =2.9 V
32
38
mA
VCC=3.0V; VPD=2.7V; VPD+ VCC
29
37
43
mA
VCC=2.7V; VPD=2.9V; VPD+ VCC
- Power Down
10
μΑ
VCC=3.5V; VPD ≤ 0.9V
Caution! ESD sensitive device.
RF Micro Devices believes the furnished information is correct and accurate
at the time of this printing. However, RF Micro Devices reserves the right to
make changes to its products without notice. RF Micro Devices does not
assume responsibility for the use of the described product(s).



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com