Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RF2364 Datasheet(PDF) 2 Page - RF Micro Devices

Part # RF2364
Description  3V PCS LOW NOISE AMPLIFIER
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF2364 Datasheet(HTML) 2 Page - RF Micro Devices

  RF2364 Datasheet HTML 1Page - RF Micro Devices RF2364 Datasheet HTML 2Page - RF Micro Devices RF2364 Datasheet HTML 3Page - RF Micro Devices RF2364 Datasheet HTML 4Page - RF Micro Devices RF2364 Datasheet HTML 5Page - RF Micro Devices RF2364 Datasheet HTML 6Page - RF Micro Devices RF2364 Datasheet HTML 7Page - RF Micro Devices RF2364 Datasheet HTML 8Page - RF Micro Devices RF2364 Datasheet HTML 9Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
4-358
RF2364
Rev A5 020827
Absolute Maximum Ratings
Parameter
Rating
Unit
Supply Voltage
-0.5 to +8.0
VDC
Input RF Level
+10
dBm
Storage Temperature
-40 to +150
°C
Parameter
Specification
Unit
Condition
Min.
Typ.
Max.
Operating Range
Overall Frequency Range
1930
1990
MHz
Supply Voltage (VCC)
2.7
3.0
3.3
V
Power Down Voltage (VPD)
2.7
2.9
V
For normal operation
0.9
V
For power down operation
Current Consumption
17.0
23.5
mA
VCC=3.0V, Values reflect ICC+IPD
Power Down Current
10
μAV
CC = 3.0 V, VPD < 0.9 V
Operating Ambient Temperature
-40
+85
oC
Input Impedance
50
Ω
Output Impedance
50
Ω
Low Noise Amplifier
Performance
T=25oC
Power Gain
18
21
dB
VCC=3.0V, ICC=17mA
Noise Figure
1.8
dB
Input IP3
+5
dBm
VCC=3.0V
Input VSWR
2:1
Output VSWR
2:1
With external matching components.
Input P1dB
-8.5
dBm
Caution! ESD sensitive device.
RF Micro Devices believes the furnished information is correct and accurate
at the time of this printing. However, RF Micro Devices reserves the right to
make changes to its products without notice. RF Micro Devices does not
assume responsibility for the use of the described product(s).



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com