Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RF2373 Datasheet(PDF) 2 Page - RF Micro Devices

Part # RF2373
Description  3V LOW NOISE AMPLIFIER/ 3V DRIVER AMPLIFIER
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF2373 Datasheet(HTML) 2 Page - RF Micro Devices

  RF2373 Datasheet HTML 1Page - RF Micro Devices RF2373 Datasheet HTML 2Page - RF Micro Devices RF2373 Datasheet HTML 3Page - RF Micro Devices RF2373 Datasheet HTML 4Page - RF Micro Devices RF2373 Datasheet HTML 5Page - RF Micro Devices RF2373 Datasheet HTML 6Page - RF Micro Devices RF2373 Datasheet HTML 7Page - RF Micro Devices RF2373 Datasheet HTML 8Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
4-2
RF2373
Rev A5 060907
Absolute Maximum Ratings
Parameter
Rating
Unit
Supply Voltage
-0.5 to +6.0
VDC
Bias Voltage, VBIAS
<VCC
VDC
Input RF Level
+15 (see note)
dBm
Current Drain, ICC
32
mA
Operating Ambient Temperature
-40 to +85
°C
Storage Temperature
-40 to +150
°C
NOTE: Exceeding any one or a combination of the above maximum rating
limits may cause permanent damage. Input RF transients to +15dBm will
not harm the device. For sustained operation at inputs >+10dBm, a small
dropping resistor of 10
Ω is recommended in series with the V
CC.
Parameter
Specification
Unit
Condition
Min.
Typ.
Max.
Overall
25°C, VCC=3.3V, at typical frequencies
unless otherwise specified
Supply Voltage (VCC)
2.7
3.3
5.0
V
Bias Voltage (VBIAS)
2.7
3.3
5.0
V
RF Frequency Range
800 to 2500
MHz
Power Down Current
10
μAV
BIAS =0 V
Isolation
23
dB
Current Drain
(LNA)
8
14
19
mA
(Driver)
12
18
23
mA
IP2
55
dBm
Cellular Low Noise
Amplifier
Frequency
820
880
960
MHz
Gain
19.5
21.5
23.5
dB
ICC=10mA
Noise Figure
1.1
1.3
dB
IIP3
-3
-1
dBm
IP1dB
-13
-11
dBm
Input VSWR
2.0
2.5
Output VSWR
4.0
4.5
GPS Low Noise Amplifier
Frequency
1575
MHz
Gain
17.0
19.0
21.0
dB
ICC=10mA
Noise Figure
1.1
1.3
dB
IIP3
3
5
dBm
IP1dB
-7
-5
dBm
Input VSWR
1.7
2.2
Output VSWR
1.6
2.1
PCS Low Noise Amplifier
Frequency Range
1850
1920
1990
MHz
Gain
16.0
18.0
20.0
dB
ICC=10mA
Noise Figure
1.2
1.4
dB
IIP3
4
6
dBm
IP1dB
-7
-5
dBm
Input VSWR
1.8
2.3
Output VSWR
1.6
2.1
Caution! ESD sensitive device.
RF Micro Devices believes the furnished information is correct and accurate
at the time of this printing. RoHS marking based on EUDirective2002/95/EC
(at time of this printing). However, RF Micro Devices reserves the right to
make changes to its products without notice. RF Micro Devices does not
assume responsibility for the use of the described product(s).



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com