Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP509 Datasheet(PDF) 25 Page - Sipex Corporation

Part # SP509
Description  Rugged 40Mbps, 8 Channel Multi-Protocol Transceiver with Programmable DCE/DTE and Termination Resistors
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP509 Datasheet(HTML) 25 Page - Sipex Corporation

Back Button SP509 Datasheet HTML 21Page - Sipex Corporation SP509 Datasheet HTML 22Page - Sipex Corporation SP509 Datasheet HTML 23Page - Sipex Corporation SP509 Datasheet HTML 24Page - Sipex Corporation SP509 Datasheet HTML 25Page - Sipex Corporation SP509 Datasheet HTML 26Page - Sipex Corporation SP509 Datasheet HTML 27Page - Sipex Corporation SP509 Datasheet HTML 28Page - Sipex Corporation SP509 Datasheet HTML 29Page - Sipex Corporation  
Zoom Inzoom in Zoom Outzoom out
 25 / 29 page
background image
25
Date: 1/19/05
SP509 Enhanced WAN Multi–Protocol Serial Transceiver
© Copyright 2005 Sipex Corporation
Figure 49. Configuring SP509 to Operate as either DCE or DTE
1µF
1µF
1µF
VCC
VDD
C1-
C2-
VSS
C1+
C2+
1µF
SP509
TxD
TxCE
ST
RTS
DTR
DCD_DCE
RL
RxC
TxC
CTS
DSR
DCD_DTE
RI
TM
10µF
3 SDEN
10 LLEN
5 STEN
* - Driver applies for DCE only on pins 15 and 12.
Receiver applies for DTE only on pins 15 and 12.
Vcc
#103
#108
#105
#141
#105
#115
#106)
#107
#109
Bi-directional Bus.
Input Line
Output Line
#114
#113
#109
LL
RxD
4 TTEN
6 RSEN
7 TREN
8 RRCEN
9 RLEN
11 RDEN
18 TMEN
13 TxCEN
12 RTEN
14 CSEN
15 DMEN
16 RRTEN
17 ICEN
V10_GND 58
V35TGND1 99
V35TGND2 94
35TGND3 89
V35RGND 46
TERM_OFF 22
LATCH 23
D0 19
D1 20
D2 21
Logic Section
Vcc
#125
#142
#140
DCE/DTE
Driver applies for DCE only on pins 8 and 10.
Receiver applies for DTE only on pins 8 and 10.
LOOPBACK 27
Vcc
73
72
69
70
67
66
28
2
TxD_RXD_A
97 SD(a)
100 S(b)
29
30
92 TT(a)
95 TT(b)
87 ST(a)
90 ST(b)
31
83 RS(a)
85 RS(b)
32
75 TR(a)
78 TR(b)
33
34
35
81 RRC(a)
79 RRC(b)
65 RL(a)
63 LL(a)
#113
CIRCUIT #
14
TxD_RXD_B
24
TxCE_TXC_A
11
TXCE_TXC_B
4RTS_CTS_A
19
RTS_CTS_B
20
DTR_DSR_A
23
DTR_DSR_B
21
RL_RI
18
LL_TM
+
36
37
38
39
40
41
42
43
25
LL_TM
62 TM
61 IC
59 RRT(b)
22
RI_RL
10
DCD-DCD-B
60 RRT(a)
8
DCD_DCD_A
22
DSR_DTR_B
13
CTS_RTS_B
12
TXC_RXC_B
56 DM(b)
57 DM(a)
54 CS(b)
55 CS(a)
51 TxC(b)
53 TxC(a)
49 RT(b)
50 RT(a)
47 RD(b)
48 RD(a)
6
DSR_DTR_A
5
CTS_RTS_A
15
TXC_RXC_A
9
RXC_TXCE_B
17
RXC_TXCE_A
16
RXD_TXD_B
3
RXD_TXD_A
Serial Port Connector Pins



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com