Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RF2376PCBA Datasheet(PDF) 4 Page - RF Micro Devices

Part # RF2376PCBA
Description  CELLULAR TDMA/CDMA LINEAR VARIABLE GAIN AMPLIFIER
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF2376PCBA Datasheet(HTML) 4 Page - RF Micro Devices

  RF2376PCBA Datasheet HTML 1Page - RF Micro Devices RF2376PCBA Datasheet HTML 2Page - RF Micro Devices RF2376PCBA Datasheet HTML 3Page - RF Micro Devices RF2376PCBA Datasheet HTML 4Page - RF Micro Devices RF2376PCBA Datasheet HTML 5Page - RF Micro Devices RF2376PCBA Datasheet HTML 6Page - RF Micro Devices RF2376PCBA Datasheet HTML 7Page - RF Micro Devices RF2376PCBA Datasheet HTML 8Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
Preliminary
4-426
RF2376
Rev A2 010829
Evaluation Board Schematic
4
5
6
ATTEN
3
2
1
Note orientation of
package in this schematic.
C6
2.7 pF
L2
4.7 nH
C3
47 nF
L3
12 nH
C4
47 nH
J2
RF OUT
J1
RF IN
VREG
VGC
P1
1
2
3
4
5
GND
GND
P1-3
P1-4
P1-1
VGC
C2*
C1
100 pF
2376400B
VREG/VCC
VREG/VCC
CON5
L1
6.8 nH
C8
33 pF
C9
33 pF
R1*
DNI
C7
100 pF
C5
47 nF
C16
1 uF
VREG/VCC



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com