Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

692A Datasheet(PDF) 14 Page - Sipex Corporation

Part # 692A
Description  Low Power Microprocessor Supervisory with Battery Switch-Over
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

692A Datasheet(HTML) 14 Page - Sipex Corporation

Back Button 692A Datasheet HTML 8Page - Sipex Corporation 692A Datasheet HTML 9Page - Sipex Corporation 692A Datasheet HTML 10Page - Sipex Corporation 692A Datasheet HTML 11Page - Sipex Corporation 692A Datasheet HTML 12Page - Sipex Corporation 692A Datasheet HTML 13Page - Sipex Corporation 692A Datasheet HTML 14Page - Sipex Corporation 692A Datasheet HTML 15Page - Sipex Corporation 692A Datasheet HTML 16Page - Sipex Corporation  
Zoom Inzoom in Zoom Outzoom out
 14 / 16 page
background image
Date: 11/29/04
SP690A/692A Low Power Microprocessor Supervisory with Battery Switch-Over
© Copyright 2004 Sipex Corporation
14
INDEX
AREA
b
N
1
23
N/2
c
D1
eA
eB
E
SYMBOL
MIN
NOM
MAX
A-
-
0.21
A1
0.15
-
-
A2
0.115
0.13
0.195
b
0.014
0.018
0.022
b2
0.045
0.06
0.07
b3
0.3
0.039
0.045
c
0.008
0.01
0.014
D
0.355
0.365
0.4
D1
0.005
-
-
E
0.3
0.31
0.325
E1
0.24
0.25
0.28
e
eA
eB
-
-
0.43
L
0.115
0.13
0.15
Note: Dimensions in (mm)
.100 BSC
.300 BSC
8 PIN PDIP JEDEC MS-001 (BA) Variation
E
E1
D
A
L
A2
A1
b
b2
e
b3
c
PACKAGE: 8 PIN PDIP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com