Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RF2418 Datasheet(PDF) 2 Page - RF Micro Devices

Part # RF2418
Description  LOW CURRENT LNA/MIXER
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF2418 Datasheet(HTML) 2 Page - RF Micro Devices

  RF2418 Datasheet HTML 1Page - RF Micro Devices RF2418 Datasheet HTML 2Page - RF Micro Devices RF2418 Datasheet HTML 3Page - RF Micro Devices RF2418 Datasheet HTML 4Page - RF Micro Devices RF2418 Datasheet HTML 5Page - RF Micro Devices RF2418 Datasheet HTML 6Page - RF Micro Devices RF2418 Datasheet HTML 7Page - RF Micro Devices RF2418 Datasheet HTML 8Page - RF Micro Devices RF2418 Datasheet HTML 9Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
8-22
RF2418
Rev A7 060203
Absolute Maximum Ratings
Parameter
Rating
Unit
Supply Voltage
-0.5 to 7
VDC
Input LO and RF Levels
+6
dBm
Ambient Operating Temperature
-40 to +85
°C
Storage Temperature
-40 to +150
°C
Parameter
Specification
Unit
Condition
Min.
Typ.
Max.
Overall
T=25°C, VCC=5V, RF=850MHz,
LO=921MHz
RF Frequency Range
400 to 1100
MHz
Cascade Power Gain
23
dB
High impedance output
Cascade IP3
-13
dBm
Referenced to the input
Cascade Noise Figure
2.4
dB
Single sideband, includes image filter with
1.0dB insertion loss
First Section (LNA)
Noise Figure
1.8
2.0
dB
Input VSWR
1.5:1
With external series matching inductor
Input IP3
+3.0
+4.0
dBm
Gain
13
14
dB
Reverse Isolation
40
dB
Output VSWR
1.5:1
Second Section (RF Amp,
Mixer, IF1)
High impedance output
Noise Figure
9.5
dB
Single Sideband
Input VSWR
1.5:1
With external series matching inductor
Input IP3
+1
dBm
Conversion Power Gain
7
9
dB
Output Impedance
4000||10pF
Ω
Open Collector
Second Section (RF Amp,
Mixer, IF2)
Buffered output, 50
Ω load
Noise Figure
10
dB
Single Sideband
Input VSWR
1.5:1
With external series matching inductor
Input IP3
-0.5
0
dBm
Conversion Gain
5
6
dB
Output Impedance
30
Ω
LO Input
LO Frequency
300 to 1200
MHz
LO Level
-6 to +6
dBm
LO to RF Rejection
15
dB
LO to IF Rejection
40
dB
With pin 5 connected to ground.
LO Input VSWR
1.3:1
In order to achieve a low VSWR match at
this input, an 82
Ω resistor to ground is
placed in parallel with this port.
Power Supply
Voltage
3.0
6.5
V
Current Consumption
14
mA
VCC=5.0V, LNA On, Mixer On, Buffer Off
12
20
26
mA
VCC=5.0V, LNA On, Mixer On, Buffer On
69
20
mA
VCC=5.0V, LNA Off, Mixer On, Buffer Off
Caution! ESD sensitive device.
RF Micro Devices believes the furnished information is correct and accurate
at the time of this printing. RoHS marking based on EUDirective2002/95/EC
(at time of this printing). However, RF Micro Devices reserves the right to
make changes to its products without notice. RF Micro Devices does not
assume responsibility for the use of the described product(s).



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com