Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP690SCP Datasheet(PDF) 5 Page - Sipex Corporation

Part # SP690SCP
Description  3.0V/3.3V Low Power Microprocessor Supervisory with Battery Switch-Over
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP690SCP Datasheet(HTML) 5 Page - Sipex Corporation

  SP690SCP Datasheet HTML 1Page - Sipex Corporation SP690SCP Datasheet HTML 2Page - Sipex Corporation SP690SCP Datasheet HTML 3Page - Sipex Corporation SP690SCP Datasheet HTML 4Page - Sipex Corporation SP690SCP Datasheet HTML 5Page - Sipex Corporation SP690SCP Datasheet HTML 6Page - Sipex Corporation SP690SCP Datasheet HTML 7Page - Sipex Corporation SP690SCP Datasheet HTML 8Page - Sipex Corporation SP690SCP Datasheet HTML 9Page - Sipex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
5
SP690T/S/R JAN 30-06
SP690T/S/R, 802/T/S/R, 804T/S/R, 805T/S/R Low Power Microprocessor Supervisory
© 2006 Sipex Corporation
INTERNAL BLOCK DIAGRAM
1.25V
BATTERY
SWITCHOVER
CIRCUIT
PFI
WATCHDOG
TIMER
RESET
GENERATOR
VCC
BATTERY
SWITCHOVER
COMPARATOR
RESET
COMPARATOR
1.25V
1.25V
WDI
VBATT
PFO
RESET / RESET*
SP690T/S/R
SP802T/S/R
SP804T/S/R
SP805T/S/R
*SP804T/S/R and SP805T/S/R only
POWER-FAIL
COMPARATOR
7
5
4
6
8
2
VOUT
GND
3
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com