Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP730 Datasheet(PDF) 7 Page - Sipex Corporation

Part # SP730
Description  Microprocessor Supervisory Circuit with Pull Up Resistor
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP730 Datasheet(HTML) 7 Page - Sipex Corporation

  SP730 Datasheet HTML 1Page - Sipex Corporation SP730 Datasheet HTML 2Page - Sipex Corporation SP730 Datasheet HTML 3Page - Sipex Corporation SP730 Datasheet HTML 4Page - Sipex Corporation SP730 Datasheet HTML 5Page - Sipex Corporation SP730 Datasheet HTML 6Page - Sipex Corporation SP730 Datasheet HTML 7Page - Sipex Corporation  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
7
Date: 11/15/05
SP730 Microprocessor Supervisory Circuit
© Copyright 2005 Sipex Corporation
ORDERING INFORMATION
Part number
Top Mark
Temperature
Vout
Package
SP730EK-4-375...............V3WW................-40°-85°................4.375V...........3 Pin SOT-23
SP730EK-4-375/TR.........V3WW................-40°-85°................4.375V...........3 Pin SOT-23
SP730EK-3-075...............M4WW................-40°-85°...............3.075V...........3 Pin SOT-23
SP730EK-3-075/TR.........M4WW................-40°-85°................3.075V...........3 Pin SOT-23
Contact factory for other trip voltage options.
/TR = Tape and Reel
Pack quantity is 2500 for SOT-23.
Available in lead free packaging. To order add "-L" suffix to part number.
Example: SP730EK-4-375/TR = standard; SP730EK-L-4-375/TR = lead free
Sipex Corporation
Headquarters and
Sales Office
233 South Hillview Drive
Milpitas, CA 95035
TEL: (408) 934-7500
FAX: (408) 935-7600
Solved By Sipex
TM



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com