Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SDR6W Datasheet(PDF) 2 Page - Solid States Devices, Inc

Part # SDR6W
Description  6A 5 關sec 1400 to 1800 V Standard Recovery Rectifier
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSDI [Solid States Devices, Inc]
Direct Link  http://www.ssdi-power.com
Logo SSDI - Solid States Devices, Inc

SDR6W Datasheet(HTML) 2 Page - Solid States Devices, Inc

  SDR6W Datasheet HTML 1Page - Solid States Devices, Inc SDR6W Datasheet HTML 2Page - Solid States Devices, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Solid State Devices, Inc.
14830 Valley View Blvd * La Mirada, Ca 90638
Phone: (562) 404-7855 * Fax: (562) 404-1773
ssdi@ssdi-power.com * www.ssdi-power.com
SDR6W series
Electrical Characteristics
Symbol
Min
Typ
Max
Units
Instantaneous Forward Voltage Drop
(IF = 6A, 300 – 500 µsec Pulse)
TA = 25ºC
TA = -55ºC
VF1
VF2
––
1.10
1.20
1.16
1.30
VDC
Reverse Leakage Current
(100% of rated VR, 300 µs pulse min.)
TA = 25ºC
TA = 100ºC
IR1
IR2
––
1.0
10
5.0
50
µA
Reverse Recovery Time
(IF = 0.5A, IR = 1A, IRR = 0.25A, TA = 25ºC)
TA = 25ºC
tRR
––
1.5
5
µsec
Junction Capacitance
(VR = 10VDC, TA = 25ºC, f = 1MHz)
TA = 25ºC
CJ
––
22
40
pF
NOTES:
1/ For Ordering Information, Price, and Availability Contact Factory.
2/ Surge rated at 500A maximum, pulse width = 100
µsec.
SDR6W
SDR6WA
SDR6WSMS
SDR6T
SDR6TA
SDR6TSMS
Available Part Numbers:
SDR6R
SDR6RA
SDR6RSMS
Case Outline: (Axial)
DIM
MIN
MAX
A
––
0.168”
B
0.135”
0.156”
C (std)
0.047”
0.053”
C (A outline)
0.037”
0.043”
D
1.00”
––
Case Outline: (SMS)
DIM
MIN
MAX
A
0.173”
0.177”
B
0.180”
0.210”
C
0.022”
0.028”
D
0.002”
––
Note: Dimensions prior to soldering.
NOTE: All specifications are subject to change without notification.
SCD's for these devices should be reviewed by SSDI prior to release.
DATA SHEET #: RC0094A
DOC



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com