Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SDR6RATX Datasheet(PDF) 1 Page - Solid States Devices, Inc

Part # SDR6RATX
Description  6A 5 關sec 1400 to 1800 V Standard Recovery Rectifier
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSDI [Solid States Devices, Inc]
Direct Link  http://www.ssdi-power.com
Logo SSDI - Solid States Devices, Inc

SDR6RATX Datasheet(HTML) 1 Page - Solid States Devices, Inc

  SDR6RATX Datasheet HTML 1Page - Solid States Devices, Inc SDR6RATX Datasheet HTML 2Page - Solid States Devices, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Solid State Devices, Inc.
14830 Valley View Blvd * La Mirada, Ca 90638
Phone: (562) 404-7855 * Fax: (562) 404-1773
ssdi@ssdi-power.com * www.ssdi-power.com
DESIGNER’S DATA SHEET
Part Number / Ordering Information 1/
SDR6
__ __ __
│
│
│
│
│
│
│
│
│
│
└ Screening
__ = Not Screened
TX = TX Level
TXV = TXV
S = S Level
│
│
│
│
│
└ Package
___ = Axial w/ .050" lead diameter
A = Axial w/ .040" lead diameter
SMS = Surface Mount Square Tab
└ Voltage
R = 1400 V
T = 1600 V
W = 1800 V
SDR6W series
6A 5
µsec
1400 to 1800 V
Standard Recovery Rectifier
Features:
• Standard Recovery: 5 usec Maximum
• High Surge Rating: 75 Amps @ 8.3 mS
and 500A @ 100
µS
• Low Reverse Leakage Current: 5 µA
• Low Junction Capacitance: 40 pF
• Low Thermal Resistance: 8 - 12 ºC/W
• Single Chip Construction
• Available in Fast and Ultra Fast Speeds.
Consult Factory.
• TX, TXV, and S Level Screening iaw MIL-
PRF-19500 Available
Maximum Ratings
Symbol
Value
Units
Peak Repetitive Reverse Voltage
SDR6R
SDR6T
SDR6W
VRRM
1400
1600
1800
Volts
Average Rectified Forward Current
(Resistive Load, 60 Hz Sine Wave)
TL @ 1/8" = 25 °C max
TTAB = 55 °C max
Io
6
Amps
Peak Surge Current 2/
(8.3 ms Pulse, Half Sine Wave)
TL @ 1/8" = 25 °C max
TTAB = 55 °C max
IFSM
75
Amps
Operating & Storage Temperature
TOP & TSTG
-65 to +175
ºC
Maximum Total Thermal Resistance
Axial @ 1/8 "
SMS
RθJL
12
8
ºC/W
Axial
Surface Mount
Square Tab (SMS)
NOTE: All specifications are subject to change without notification.
SCD's for these devices should be reviewed by SSDI prior to release.
DATA SHEET #: RC0094A
DOC


Similar Part No. - SDR6RATX

ManufacturerPart #DatasheetDescription
logo
Solid States Devices, I...
SDR6RATX SSDI-SDR6RATX Datasheet
142Kb / 2P
6A 5 usec 1400 to 1800V Standard Recovery Rectifier
SDR6RATXV SSDI-SDR6RATXV Datasheet
142Kb / 2P
6A 5 usec 1400 to 1800V Standard Recovery Rectifier
More results

Similar Description - SDR6RATX

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
1F10 MCC-1F10 Datasheet
201Kb / 2P
0.5 Amp Fast Recovery Rectifier 1000 to 1800 Volts
logo
Solid States Devices, I...
SPD5550 SSDI-SPD5550 Datasheet
99Kb / 2P
5 AMPS, 200 thru 1000 VOLTS 2 關sec STANDARD RECOVERY RECTIFIER
SDR9400S10 SSDI-SDR9400S10 Datasheet
126Kb / 2P
400 AMPS 1000 ??2000 VOLTS 25 關sec STANDARD RECOVERY HIGH CURRENT RECTIFIER
SDR6W SSDI-SDR6W_1 Datasheet
142Kb / 2P
6A 5 usec 1400 to 1800V Standard Recovery Rectifier
logo
Shanghai Lunsure Electr...
1F10 CHENYI-1F10 Datasheet
170Kb / 2P
0.5 Amp Fast Recovery Rectifier 1000 to 1800 Volts
logo
Micro Commercial Compon...
1F10 MCC-1F10_08 Datasheet
437Kb / 3P
0.5 Amp Fast Recovery Rectifier 1000 to 1800 Volts
logo
Vishay Siliconix
SD1100C04C VISHAY-SD1100C04C_12 Datasheet
168Kb / 8P
Standard Recovery Diodes (Hockey PUK Version), 1400 A
14-May-08
logo
Diodes Incorporated
PDU620 DIODES-PDU620_15 Datasheet
127Kb / 4P
6A ULTRA-FAST RECOVERY RECTIFIER PowerDI 5
Rev erse
PDU620CT DIODES-PDU620CT_15 Datasheet
121Kb / 4P
6A DUAL ULTRA-FAST RECOVERY RECTIFIER PowerDI 5
Rev erse
logo
Vishay Siliconix
VS-SD1100CC VISHAY-VS-SD1100CC Datasheet
214Kb / 8P
Standard Recovery Diodes (Hockey PUK Version), 1400 A
14-Jan-14
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com