Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP693ACN Datasheet(PDF) 8 Page - Sipex Corporation

Part # SP693ACN
Description  Low Power Microprocessor Supervisory with Battery Switch-Over
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP693ACN Datasheet(HTML) 8 Page - Sipex Corporation

Back Button SP693ACN Datasheet HTML 4Page - Sipex Corporation SP693ACN Datasheet HTML 5Page - Sipex Corporation SP693ACN Datasheet HTML 6Page - Sipex Corporation SP693ACN Datasheet HTML 7Page - Sipex Corporation SP693ACN Datasheet HTML 8Page - Sipex Corporation SP693ACN Datasheet HTML 9Page - Sipex Corporation SP693ACN Datasheet HTML 10Page - Sipex Corporation SP693ACN Datasheet HTML 11Page - Sipex Corporation SP693ACN Datasheet HTML 12Page - Sipex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 24 page
background image
Date: 4/18/05
SP691A/693A/800L/800M Low Power Microprocessor Supervisor with Battery Switch-Over © Copyright 2005 Sipex Corporation
8
Pin 1 — V
BATT — Battery-Backup Input.
Con-
nect to the external battery supply or super-
charging capacitor and charging circuit. If a
backup battery is not provided, connect this
pin to ground.
Pin 2 —V
OUT — Output Supply Voltage. VOUT
connects to V
CC when VCC is greater than
V
BATT and VCC is above the reset threshold.
When V
CC
falls below V
BATT
and V
CC
is
below the reset threshold, V
OUT connects to
V
BATT. Connect a 0.1µF capacitor from VOUT
to GND.
Pin 3 — V
CC — +5V Input Supply Voltage.
Pin 4 — GND — Ground reference for all
signals.
Pin 5 — BATT ON — Battery On Output. Goes
high when V
OUT switches to VBATT. Goes low
when V
OUT switches to VCC. Connect the
base of a PNP through a current-limiting
resistor to BATT ON for V
OUT
current
requirements greater than 250mA.
Pin 6 — LOWLINE — Low Line Output. This
output pin goes LOW when V
CC falls below
the reset threshold voltage. This output pin
returns to its HIGH output as soon as V
CC
rises above the reset threshold voltage.
PINOUT
Pin 7 — OSC
IN — External Oscillator Input.
When OSC
SEL is
unconnected or driven
HIGH, a 10
µA pull-up connects from V
OUT
to this input pin, the internal oscillator sets
the reset and watchdog timeout periods, and
this input pin selects between fast and slow
watchdog timeout periods. When OSC
SEL is
driven LOW, the reset and watchdog timeout
periods may be set either by a capacitor from
this input pin to ground or by an external
clock at this pin (refer to Figure 21).
Pin 8 — OSC
SEL — Oscillator Select.
When
OSC
SEL is unconnected or driven HIGH, the
internal oscillator sets the reset delay and
watchdog timeout period. When OSC
SEL is
driven LOW, the external oscillator input
pin, OSC
IN, is enabled (refer to Table 1).
This input pin has a 10
µA internal pull-up.
Pin 9 — PFI — Power-Fail Input. This is the
noninverting input to the power-fail
comparator. When PFI is less than 1.25V,
PFO goes low. Connect PFI to GND or
V
OUT when not used.
Pin 10 — PFO — Power-Fail Output. This is
the output of the power-fail comparator.
PFO goes low when PFI is less than 1.25V.
This is an uncommitted comparator, and
has no effect on any other internal circuitry.
Pin 11 — WDI — Watchdog Input. This is a
three-level input pin. If WDI remains either
HIGH or LOW for longer than the watchdog
timeout period, WDO goes LOW and RESET
is asserted for the reset timeout period. WDO
remains LOW until the next transition at this
input pin. Leaving this input pin unconnected
disables the watchdog function. This input
pin connects to an internal voltage divider
between V
OUT and ground, which sets it to
mid-supply when left unconnected.
VBATT
VOUT
Vcc
GND
BATT ON
PFO
PFI
OSCIN
RESET
WDO
CEIN
CEOUT
WDI
LOWLINE
16
DIP/SO
TOP VIEW
15
14
13
12
11
10
9
1
2
3
4
5
6
7
8
Corporation
RESET
OSCSEL
PIN ASSIGNMENTS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com