Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP3203E Datasheet(PDF) 4 Page - Sipex Corporation

Part # SP3203E
Description  3V RS-232 Serial Transceiver with Logic Selector and15kV ESD Protection
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP3203E Datasheet(HTML) 4 Page - Sipex Corporation

  SP3203E Datasheet HTML 1Page - Sipex Corporation SP3203E Datasheet HTML 2Page - Sipex Corporation SP3203E Datasheet HTML 3Page - Sipex Corporation SP3203E Datasheet HTML 4Page - Sipex Corporation SP3203E Datasheet HTML 5Page - Sipex Corporation SP3203E Datasheet HTML 6Page - Sipex Corporation SP3203E Datasheet HTML 7Page - Sipex Corporation SP3203E Datasheet HTML 8Page - Sipex Corporation SP3203E Datasheet HTML 9Page - Sipex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
Date: 03/30/05
SP3203E, 3V RS232 Serial Transceiver with Logic Selector and 15kV ESD
© Copyright 2005 Sipex Corporation
4
ELECTRICAL CHARACTERISTICS
(VCC = VL = +3V to +5.5V, C1-C4 = 0.1µF, tested at +3.3V +10%, C1 = 0.047µF, C2-C4 = 0.33µF, tested at +5.0V +10%, TA = TMIN to TMAX, unless
otherwise noted. Typical values are at VCC = VL +3.3V, TA = +25°C.)
Note 2. Transmitter skew is measured at the transmitter zero crosspoint.
R
E
T
E
M
A
R
A
P.
N
I
M.
P
Y
T.
X
A
MS
T
I
N
US
N
O
I
T
I
D
N
O
C
e
t
a
R
a
t
a
D
m
u
m
i
x
a
M0
5
2s
p
b
kR
L
k
3
=
,
Ω C
L
,
F
p
0
0
0
1
=
g
n
i
h
c
t
i
w
s
r
e
t
t
i
m
s
n
a
r
t
e
n
o
y
a
l
e
D
n
o
i
t
a
g
a
p
o
r
P
r
e
v
i
e
c
e
R
t
L
H
P
5
1
.
0
µs
t
u
p
t
u
o
r
e
v
i
e
c
e
r
o
t
t
u
p
n
i
r
e
v
i
e
c
e
R
C
L
F
p
0
5
1
=
t
H
L
P
5
1
.
0
e
m
i
T
e
l
b
a
n
E
t
u
p
t
u
O
r
e
v
i
e
c
e
R0
0
2s
nn
o
i
t
a
r
e
p
o
l
a
m
r
o
n
e
m
i
T
e
l
b
a
s
i
D
t
u
p
t
u
O
r
e
v
i
e
c
e
R0
0
2s
nn
o
i
t
a
r
e
p
o
l
a
m
r
o
n
n
w
o
d
t
u
h
S
t
i
x
E
o
t
e
m
i
T0
0
1
µs
V
I
T
U
O
x
T
V
7
.
3
>
I
w
e
k
S
r
e
t
t
i
m
s
n
a
r
T
It
L
H
P
t
-
H
L
P
I
0
0
1s
n)
2
e
t
o
N
(
w
e
k
S
r
e
v
i
e
c
e
R
It
L
H
P
t
-
H
L
P
I
0
5s
n
e
t
a
R
w
e
l
S
n
o
i
g
e
R
-
n
o
i
t
i
s
n
a
r
T
60
3
/
V µs
C
L
F
p
0
0
0
1
o
t
F
p
0
5
1
=
V
C
C
V
3
.
3
=
T
A
5
2
+
=
oC
R
L
k
3
=
Ω
k
7
o
t
,
Ω
V
3
+
m
o
r
f
d
e
r
u
s
a
e
m
V
3
+
o
t
V
3
-
r
o
V
3
-
o
t
40
3C
L
F
p
0
0
5
2
o
t
F
p
0
5
1
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com