Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP3220EB Datasheet(PDF) 14 Page - Sipex Corporation

Part # SP3220EB
Description  3.0V to 5.5V RS-232 Driver/Receiver Pair
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP3220EB Datasheet(HTML) 14 Page - Sipex Corporation

Back Button SP3220EB Datasheet HTML 10Page - Sipex Corporation SP3220EB Datasheet HTML 11Page - Sipex Corporation SP3220EB Datasheet HTML 12Page - Sipex Corporation SP3220EB Datasheet HTML 13Page - Sipex Corporation SP3220EB Datasheet HTML 14Page - Sipex Corporation SP3220EB Datasheet HTML 15Page - Sipex Corporation SP3220EB Datasheet HTML 16Page - Sipex Corporation SP3220EB Datasheet HTML 17Page - Sipex Corporation SP3220EB Datasheet HTML 18Page - Sipex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 21 page
background image
Date: 8/30/05
SP3220E/EB/EU High ESD RS-232 Driver/Receiver
© Copyright 2005 Sipex Corporation

Date: 8/22/05
SP3220E/EB/EU High ESD RS-232 Driver/Receiver
© Copyright 2005 Sipex Corporation
14
RC
CS
RS
SW1
SW2
RC
Device
Under
Test
DC Power
Source
CS
RS
SW1
SW2
Figure 20. ESD Test Circuit for Human Body Model
ESD TOLERANCE
The SP3220E/EB/EU device incorporates rugge-
dized ESD cells on all driver output and receiver
input pins. The ESD structure is improved over our
previous family for more rugged applications and
environments sensitive to electro-static
discharges and associated transients. The im-
proved ESD tolerance is at least ±15kV without
damage nor latch-up.
There are different methods of ESD testing ap-
plied:
a) MIL-STD-883, Method 3015.7
b)IEC1000-4-2 Air Discharge
c)IEC1000-4-2 Direct Contact
The Human Body Model has been the generally
accepted ESD testing method for semiconductors.
This method is also specified in MIL-STD-883,
Method 3015.7 for ESD testing. The premise of
this ESD test is to simulate the human body’s
potential to store electro-static energy and
discharge it to an integrated circuit. The
simulation is performed by using a test model as
shown in Figure 20. This method will test the IC’s
capability to withstand an ESD transient during
normal handling such as in manufacturing areas
where the ICs tend to be handled frequently.
The IEC-1000-4-2, formerly IEC801-2, is gener-
allyusedfortestingESDonequipmentandsystem
manufacturers; they must guarantee a certain
amount of ESD protection since the system itself is
exposed to the outside environment and human
presence. The premise with IEC1000-4-2 is that
the system is required to withstand an amount of
static electricity when ESD is applied to points and
surfaces of the equipment that are accessible to
personnel during normal usage. The transceiver
IC receives most of the ESD current when the ESD
source is applied to the connector pins. The test
circuit for IEC-1000-4-2 is shown in Figure 21.
There are two methods within IEC-4-2: the Air
Discharge method and the Contact Discharge
method.
With the Air Discharge Method, an ESD voltage is
applied to the equipment under test (EUT) through
air. This simulates an electrically charged person
ready to connect a cable onto the rear of the
system only to find an unpleasant zap just before
the person touches the back panel. The high
energy potential on the person discharges through
an arcing path to the rear panel system before he
or she even touches the system. This energy,
whether discharged directly or through air, is pre-
dominantly a function of the discharge current
rather than the discharge voltage.
Variables with an air discharge -- such as ap-
proach speed of the object carrying the ESD
potential to the system and humidity -- will tend to
change the discharge current. For example, the
rise time of the discharge current varies with the
approach speed.
15
Date: 8/22/05
SP3220E/EB/EU High ESD RS-232 Driver/Receiver
© Copyright 2005 Sipex Corporation
The Contact Discharge Method applies the
ESD current directly to the EUT. This method
was devised to reduce the unpredictability
of the ESD arc. The discharge current rise
time is constant since the energy is directly
transfered without the air-gap arc. In situa-
tions such as hand held systems, the ESD
charge can be directly discharged to the
equipment from a person in contact with the
equipment. The current is transferred on to
the keypad or the serial port of the equip-
ment directly and then travels through the
PCB and finally to the IC.
The circuit models in Figure 20 and 21
represent the typical ESD testing circuits
used for all three methods. The C
S is initially
charged with the DC power supply when
the first switch (SW1) is on. Now that the
capacitor is charged, the second switch
(SW2) is on while SW1 switches off. The
voltage stored in the capacitor is then ap-
plied through R
S, the current limiting resis-
tor, onto the device under test (DUT). In
ESD tests, the SW2 switch is pulsed so that
the device under test recives a duration of
voltage.
Figure 21. ESD Test Circuit for IEC1000-4-2
RS and RV add up to 330 for IEC1000-4-2.
RS and RV add up to 330 for IEC1000-4-2.
Contact-Discharge Module
RV
RC
CS
RS
SW1
SW2
RC
Device
Under
Test
DC Power
Source
CS
RS
SW1
SW2
RV
Contact-Discharge Module
For the Human Body Model, the current
limiting resistor (R
S) and the source capaci-
tor (C
S) are 1.5k
and 100pF, respectively.
For IEC-1000-4-2, the current limiting resis-
tor (RS) and the source capacitor (CS) are
330 and 150pF, respectively.
The higher CS value and lower RS value in
the IEC1000-4-2 model are more stringent
than the Human Body Model. The larger
storage capacitor injects a higher voltage to
the test point when SW2 is switched on. The
lower current limiting resistor increases the
current charge onto the test point.
30A
15A
0A
t=0nS
t=30nS
t
Figure 22. ESD Test Waveform for IEC1000-4-2
Device Pin
Human Body
IEC1000-4-2
Tested
Model
Air Discharge Direct Contact Level
Driver Ouputs
±
15kV
±
15kV
±
8kV
4
Receiver Inputs
±
15kV
±
15kV
±
8kV
4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com