Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RF2472 Datasheet(PDF) 8 Page - RF Micro Devices

Part # RF2472
Description  2.4GHz LOW NOISE AMPLIFIER WITH ENABLE
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF2472 Datasheet(HTML) 8 Page - RF Micro Devices

Back Button RF2472 Datasheet HTML 2Page - RF Micro Devices RF2472 Datasheet HTML 3Page - RF Micro Devices RF2472 Datasheet HTML 4Page - RF Micro Devices RF2472 Datasheet HTML 5Page - RF Micro Devices RF2472 Datasheet HTML 6Page - RF Micro Devices RF2472 Datasheet HTML 7Page - RF Micro Devices RF2472 Datasheet HTML 8Page - RF Micro Devices RF2472 Datasheet HTML 9Page - RF Micro Devices RF2472 Datasheet HTML 10Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
4-514
RF2472
Rev A10 040927
Evaluation Board Schematic - 4.9GHz to 5.9GHz
1
2
3
5
4
V
CC
C1
0.7 pF
PD
L1
4.7 nH
C2
15 nF
C8
15 nF
R1
1.0 k
Ω
R4
NP
L2
0
Ω
R3
10
Ω
C6
2 pF
C7
15 nF
C4
2 pF
50
Ωμstrip
J1
RF IN
50
Ωμstrip
J2
RF OUT
VCC
GND
GND
P1-1
VCC
P1-2
VCC
P1
1
2
3
4
CON4
P2
1
2
3
4
CON4
GND
GND
P2-2
PD
P2-1
PD



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com