Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RF2483 Datasheet(PDF) 13 Page - RF Micro Devices

Part # RF2483
Description  LOW NOISE DUAL-BAND QUADRATURE MODULATOR WITH AGC
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF2483 Datasheet(HTML) 13 Page - RF Micro Devices

Back Button RF2483 Datasheet HTML 9Page - RF Micro Devices RF2483 Datasheet HTML 10Page - RF Micro Devices RF2483 Datasheet HTML 11Page - RF Micro Devices RF2483 Datasheet HTML 12Page - RF Micro Devices RF2483 Datasheet HTML 13Page - RF Micro Devices RF2483 Datasheet HTML 14Page - RF Micro Devices RF2483 Datasheet HTML 15Page - RF Micro Devices RF2483 Datasheet HTML 16Page - RF Micro Devices RF2483 Datasheet HTML 17Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 28 page
background image
5-43
RF2483
Rev A8 060203
High Band LOHB (S11) and RFHB (S22) Parameters
(VCC=2.7V, VGC=2.0V, Band Sel=2.7V, EN=2.7V, T=+25°C)
Low Band LOLB (S11) and RFLB (S22) Parameters
(VCC=2.7V, VGC=2.0V, Band Sel=0V, EN=2.7V, T=+25°C)
Freq. (MHz)
S11 MAG S11 ANG S22 MAG S22 ANG
1700
0.478
-110.8
0.903
-55.0
1750
0.469
-112.4
0.901
-56.2
1800
0.465
-115.1
0.902
-57.2
1850
0.472
-117.2
0.902
-58.0
1900
0.476
-117.6
0.904
-59.0
1950
0.465
-118.4
0.905
-59.6
2000
0.457
-120.8
0.906
-60.3
2050
0.452
-122.6
0.909
-60.9
2100
0.464
-123.0
0.916
-61.9
2150
0.453
-123.4
0.914
-64.0
2200
0.442
-125.4
0.879
-64.5
Freq. (MHz)
S11 MAG S11 ANG S22 MAG S22 ANG
700
0.468
-63.2
0.92
-9.9
750
0.452
-67.6
0.915
-11.3
800
0.437
-72.1
0.913
-12.6
850
0.425
-76.6
0.908
-14.0
900
0.414
-81.2
0.905
-15.6
950
0.407
-85.6
0.901
-17.1
1000
0.402
-89.8
0.898
-18.8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com