Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP3223EB Datasheet(PDF) 15 Page - Sipex Corporation

Part # SP3223EB
Description  Intelligent 3.0V to 5.5V RS-232 Transceivers
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP3223EB Datasheet(HTML) 15 Page - Sipex Corporation

Back Button SP3223EB Datasheet HTML 11Page - Sipex Corporation SP3223EB Datasheet HTML 12Page - Sipex Corporation SP3223EB Datasheet HTML 13Page - Sipex Corporation SP3223EB Datasheet HTML 14Page - Sipex Corporation SP3223EB Datasheet HTML 15Page - Sipex Corporation SP3223EB Datasheet HTML 16Page - Sipex Corporation SP3223EB Datasheet HTML 17Page - Sipex Corporation SP3223EB Datasheet HTML 18Page - Sipex Corporation SP3223EB Datasheet HTML 19Page - Sipex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 23 page
background image
15
Date:
10/06/06
SP3223 +3.0V to +5.5V RS-232 Transceivers
© Copyright 200
6 Sipex Corporation
ripple on the transmitter outputs and may slightly
reduce power consumption. C2, C3, and C4 can
be increased without changing C1’s value
For best charge pump efficiency locate the charge
pump and bypass capacitors as close as possible
to the IC. Surface mount capacitors are best for
this purpose.
Using capacitors with lower
equivalent series resistance (ESR) and self-
inductance, along with minimizing parasitic PCB
trace inductance will optimize charge pump
operation. Designers are also advised to consider
that capacitor values may shift over time and
operating temperature.
The Sipex-patented charge pumps are designed
to operate reliably with a range of low cost
capacitors.Either polarized or non polarized
capacitors may be used. If polarized capacitors
are used they should be oriented as shown in the
Typical Operating Circuit. The V+ capacitor
may be connected to either ground or Vcc
(polarity reversed.)
The charge pump operates with 0.1
µF capacitors
for 3.3V operation. For other supply voltages,
see the table for required capacitor values. Do
not use values smaller than those listed.
Increasing the capacitor
values (e.g., by doubling in value) reduces
e
u
l
a
v
r
o
t
i
c
a
p
a
c
p
m
u
p
e
g
r
a
h
c
d
e
d
n
e
m
m
o
c
e
r
m
u
m
i
n
i
M
V
e
g
a
t
l
o
V
t
u
p
n
I
C
C
X
X
2
3
P
S
r
o
f
e
u
l
a
v
r
o
t
i
c
a
p
a
c
p
m
u
p
e
g
r
a
h
C
V
6
.
3
o
t
V
0
.
3
F
u
1
.
0
=
4
C
–
1
C
V
5
.
5
o
t
V
5
.
4F
u
3
3
.
0
=
4
C
-
2
C
,
F
u
7
4
0
.
0
=
1
C
V
5
.
5
o
t
V
0
.
3F
u
2
2
.
0
=
4
C
–
1
C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com