Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP3223EU Datasheet(PDF) 21 Page - Sipex Corporation

Part # SP3223EU
Description  Intelligent 3.0V to 5.5V RS-232 Transceivers
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP3223EU Datasheet(HTML) 21 Page - Sipex Corporation

Back Button SP3223EU Datasheet HTML 15Page - Sipex Corporation SP3223EU Datasheet HTML 16Page - Sipex Corporation SP3223EU Datasheet HTML 17Page - Sipex Corporation SP3223EU Datasheet HTML 18Page - Sipex Corporation SP3223EU Datasheet HTML 19Page - Sipex Corporation SP3223EU Datasheet HTML 20Page - Sipex Corporation SP3223EU Datasheet HTML 21Page - Sipex Corporation SP3223EU Datasheet HTML 22Page - Sipex Corporation SP3223EU Datasheet HTML 23Page - Sipex Corporation  
Zoom Inzoom in Zoom Outzoom out
 21 / 23 page
background image
21
Date: 10/06/06
SP3223 +3.0V to +5.5V RS-232 Transceivers
© Copyright 2006 Sipex Corporation
SP 3223 E U EY L /TR
Tape and Reel options
“L” suffix indicates Lead Free packaging
Package Type
A= SSOP
P=PDIP
Y=TSSOP
Temperature Range
C= Commercial Range 0ºc to 70ºC
E= Extended Range -40ºc to 85ºC
Speed Indicator
Blank= 120Kbps
B= 250Kbps
H= 450Kbps
U= 1Mbps
ESD Rating
E= 15kV HBM and IEC 1000-4
Sipex
Part Number
PRODUCT NOMENCLATURE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com