Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP3232EBEA/TR Datasheet(PDF) 23 Page - Sipex Corporation

Part # SP3232EBEA/TR
Description  CorporationTrue 3.0V to 5.5V RS-232 Transceivers
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP3232EBEA/TR Datasheet(HTML) 23 Page - Sipex Corporation

Back Button SP3232EBEA/TR Datasheet HTML 17Page - Sipex Corporation SP3232EBEA/TR Datasheet HTML 18Page - Sipex Corporation SP3232EBEA/TR Datasheet HTML 19Page - Sipex Corporation SP3232EBEA/TR Datasheet HTML 20Page - Sipex Corporation SP3232EBEA/TR Datasheet HTML 21Page - Sipex Corporation SP3232EBEA/TR Datasheet HTML 22Page - Sipex Corporation SP3232EBEA/TR Datasheet HTML 23Page - Sipex Corporation SP3232EBEA/TR Datasheet HTML 24Page - Sipex Corporation SP3232EBEA/TR Datasheet HTML 25Page - Sipex Corporation  
Zoom Inzoom in Zoom Outzoom out
 23 / 25 page
background image
Date:11/02/05
SP3222EB/SP3232EB True +3.0V to +5.5V RS-232 Transceivers
© Copyright 2005 Sipex Corporation
23
SEE DETAIL “A”
B
B
Seaing Plane
L1
L
Ø
DETAIL A
Ø
Ø
C
b
Section B-B
E1
E
D
INDEX AREA
D
2 x 2
E1
1
2
e
SYMBOL
MIN
NOM
MAX
A
-
-
1.2
A1
0.05
-
0.15
A2
0.8
1
1.05
b
0.19
-
0.3
c
0.09
-
0.2
D
6.4
6.5
6.6
E
E1
4.3
4.4
4.5
e
Ø1
0º
-
8º
ø2
ø3
L
0.45
0.6
0.75
L1
Note: Dimensions in (mm)
20 Pin TSSOP JEDEC MO-153 (AC)
Variation
6.40 BSC
0.65 BSC
12º REF
12º REF
1.00 REF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com