Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP3232EBET Datasheet(PDF) 8 Page - Sipex Corporation

Part # SP3232EBET
Description  CorporationTrue 3.0V to 5.5V RS-232 Transceivers
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP3232EBET Datasheet(HTML) 8 Page - Sipex Corporation

Back Button SP3232EBET Datasheet HTML 4Page - Sipex Corporation SP3232EBET Datasheet HTML 5Page - Sipex Corporation SP3232EBET Datasheet HTML 6Page - Sipex Corporation SP3232EBET Datasheet HTML 7Page - Sipex Corporation SP3232EBET Datasheet HTML 8Page - Sipex Corporation SP3232EBET Datasheet HTML 9Page - Sipex Corporation SP3232EBET Datasheet HTML 10Page - Sipex Corporation SP3232EBET Datasheet HTML 11Page - Sipex Corporation SP3232EBET Datasheet HTML 12Page - Sipex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 25 page
background image
Date:11/02/05
SP3222EB/SP3232EB True +3.0V to +5.5V RS-232 Transceivers
© Copyright 2005 Sipex Corporation

Date:02/27/05
SP3222EB/3232EB True +3.0 to +5.5V RS-232 Transceivers
© Copyright 2005 Sipex Corporation
8
DESCRIPTION
The SP3222EB/3232EB transceivers meet the
EIA/TIA-232 and V.28/V.24 communication
protocols and can be implemented in battery-
powered, portable, or hand-held applications
such as notebook or palmtop computers. The
SP3222EB/3232EB devices all feature Sipex's
proprietary on-board charge pump circuitry that
generates 2 x V
CC for RS-232 voltage levels
from a single +3.0V to +5.5V power supply.
This series is ideal for +3.3V-only systems,
mixed +3.3V to +5.5V systems, or +5.0V-only
systems that require true RS-232 performance.
The SP3222EB/3232EB series have drivers that
operate at a typical data rate of 250kbps fully
loaded.
The SP3222EB and SP3232EB are 2-driver/2-
receiver devices ideal for portable or hand-held
applications. The SP3222EB features a 1µA
shutdown mode that reduces power consump-
tion and extends battery life in portable systems.
Its receivers remain active in shutdown mode,
allowing external devices such as modems to be
monitored using only 1µA supply current.
THEORY OF OPERATION
The SP3222EB/3232EB series are made up of
three basic circuit blocks: 1. Drivers, 2.
Receivers, and 3. the Sipex proprietary charge
pump.
Drivers
The drivers are inverting level transmitters that
convert TTL or CMOS logic levels to ±5.0V
EIA/TIA-232 levels inverted relative to the in-
put logic levels. Typically, the RS-232 output
voltage swing is ±5.5V with no load and at least
±5V minimum fully loaded. The driver outputs
are protected against infinite short-circuits to
ground without degradation in reliability. Driver
outputs will meet EIA/TIA-562 levels of ±3.7V
with supply voltages as low as 2.7V.
The drivers can guarantee a data rate of 250kbps
fully loaded with 3K in parallel with 1000pF,
ensuring compatibility with PC-to-PC commu-
nication software.
The slew rate of the driver output is internally
limited to a maximum of 30V/µs in order to
meet the EIA standards (EIA RS-232D 2.1.7,
Paragraph 5). The transition of the loaded
output from HIGH to LOW also meets the
monotonicity requirements of the standard.
Figure 10
shows a loopback test circuit used to
the RS-232 drivers. Figure 11 shows the test
results of the loopback circuit with all drivers
active at 120kbps with RS-232 loads in parallel
with 1000pF capacitors. Figure 12 shows the
test results where one driver was active at
250kbps and all drivers loaded with an RS-232
receiver in parallel with a 1000pF capacitor. A
solid RS-232 data transmission rate of 250kbps
provides compatibility with many designs in
personal computer peripherals and LAN appli-
cations.
The SP3222EB driver's output stages are turned
off (tri-state) when the device is in shutdown
mode. When the power is off, the SP3222EB
device permits the outputs to be driven up to
±12V. The driver's inputs do not have pull-up
resistors. Designers should connect unused in-
puts to V
CC or GND.
In the shutdown mode, the supply current falls
to less than 1µA, where SHDN = LOW. When
the SP3222EB device is shut down, the device's
driver outputs are disabled (tri-stated) and the
charge pumps are turned off with V+ pulled
down to V
CC and V- pulled to GND. The time
required to exit shutdown is typically 100µs.
Connect SHDN to V
CC if the shutdown mode is
not used.
9
Date: 02/27/05
SP3222EB/3232EB True +3.0 to +5.5V RS-232 Transceivers
© Copyright 2005 Sipex Corporation
Figure 11. Driver Loopback Test Results at 120kbps
Figure 12. Driver Loopback Test Results at 250 kbps
Figure 10. SP3222EB/3232EB Driver Loopback Test Circuit
SP3222EB
SP3232EB
GND
TxIN
TxOUT
C1+
C1-
C2+
C2-
V+
V-
VCC
0.1µF
0.1µF
0.1µF
+
C2
C5
C1
+
+
C3
C4
+
+
0.1µF
0.1µF
LOGIC
INPUTS
VCC
5k
RxIN
RxOUT
LOGIC
OUTPUTS
EN*
*SHDN
1000pF
VCC
* SP3222EB only



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com