Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP3483EN Datasheet(PDF) 5 Page - Sipex Corporation

Part # SP3483EN
Description  3.3V Low Power Slew Rate Limited Half-Duplex RS-485 Transceiver
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP3483EN Datasheet(HTML) 5 Page - Sipex Corporation

  SP3483EN Datasheet HTML 1Page - Sipex Corporation SP3483EN Datasheet HTML 2Page - Sipex Corporation SP3483EN Datasheet HTML 3Page - Sipex Corporation SP3483EN Datasheet HTML 4Page - Sipex Corporation SP3483EN Datasheet HTML 5Page - Sipex Corporation SP3483EN Datasheet HTML 6Page - Sipex Corporation SP3483EN Datasheet HTML 7Page - Sipex Corporation SP3483EN Datasheet HTML 8Page - Sipex Corporation SP3483EN Datasheet HTML 9Page - Sipex Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
5
Date: 6/23/04
SP3483 Low Power Slew Rate Limited Half-Duplex RS485 Transceivers
© Copyright 2004 Sipex Corporation
Figure 2. Driver Propagation Delay Test Circuit
Figure 4. Driver Enable and Disable Timing Circuit,
Output HIGH
Figure 1. Driver DC Test Load Circuit
Figure 6. Receiver Propagation Delay Test Circuit
Figure 7. Receiver Enable and Disable Timing Circuit
R
R
VOC
D
VCC
VOD
GENERATOR
(NOTE 1)
50Ω
VCC
S1
VDM
RL = 27Ω
OUT
CL = 15pF
(NOTE 2)
VOM =
1.5V
VOH + VOL
2
D
GENERATOR
(NOTE 1)
50Ω
S1
RL = 110Ω
OUT
CL = 50pF
(NOTE 2)
VOM =
1.5V
VOH + VOL
2
D
GENERATOR
(NOTE 1)
50Ω
S1
RL = 110Ω
OUT
CL = 50pF
(NOTE 2)
D
0V OR 3V
VCC
GENERATOR
(NOTE 1)
50Ω
1.5V
0V
VID
R
OUT
CL = 15pF
(NOTE 2)
VOM = VCC
2
1.5V
-1.5V
S3
VID
GENERATOR
(NOTE 1)
50Ω
CL = 15pF
(NOTE 2)
R
1k
S1
S2
VCC
Figure 5. Driver Enable and Disable Timing Circuit,
Output LOW
GENERATOR
(NOTE 1)
50Ω
CL
OUT
D
VCC
RL =
60Ω
CL = 15pF (NOTE 2)
Figure 3. Driver Differential Output Delay and Transition
Time Circuit



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com