Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RF2498 Datasheet(PDF) 1 Page - RF Micro Devices

Part # RF2498
Description  TRI-BAND/QUAD-MODE CDMA/GPS LOW NOISE AMPLIFIER/MIXER
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF2498 Datasheet(HTML) 1 Page - RF Micro Devices

  RF2498 Datasheet HTML 1Page - RF Micro Devices RF2498 Datasheet HTML 2Page - RF Micro Devices RF2498 Datasheet HTML 3Page - RF Micro Devices RF2498 Datasheet HTML 4Page - RF Micro Devices RF2498 Datasheet HTML 5Page - RF Micro Devices RF2498 Datasheet HTML 6Page - RF Micro Devices RF2498 Datasheet HTML 7Page - RF Micro Devices RF2498 Datasheet HTML 8Page - RF Micro Devices RF2498 Datasheet HTML 9Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
8-301
Product Description
Ordering Information
Typical Applications
Features
Functional Block Diagram
RF Micro Devices, Inc.
7628 Thorndike Road
Greensboro, NC 27409, USA
Tel (336) 664 1233
Fax (336) 664 0454
http://www.rfmd.com
Optimum Technology Matching® Applied
Si BJT
GaAs MESFET
GaAs HBT
Si Bi-CMOS
SiGe HBT
Si CMOS
InGaP/HBT
GaN HEMT
SiGe Bi-CMOS
32
1
9
17
2
3
4
5
6
7
8
10
11
12
13
14
15
16
24
23
22
21
20
19
18
31
30
29
28
27
26
25
GPS+
GPS-
CDMA+
CDMA-
FM+
FM-
VCC2
LO IN
CELL LNA OUT
LNA GAIN
CELL LNA IN
CELL LNA EMITTER
PCS LNA OUT
IP SET
PCS LNA IN
GPS LNA IN
RF2498
TRI-BAND/QUAD-MODE CDMA/GPS
LOW NOISE AMPLIFIER/MIXER
• CDMA/Cellular/PCS/GPS Handsets
• JCDMA/GPS Handsets
• CDMA Modem/Data Cards
• Commercial and Consumer Systems
• Portable Battery-Powered Equipment
The RF2498 is a high performance CDMA tri-band/quad-
mode integrated LNA/mixer with GPS capability. The
device is designed to meet all IS-98 sensitivity, intermod-
ulation and single-tone requirements. The RF2498 inte-
grates the tri-band LNA/downconverters with 27.5dB of
gain control for the cellular band and 29dB for the PCS
band. The RF2498 is designed for three state gain control
solutions for IS-98 IMD testing. The device offers a dedi-
cated GPS LNA/mixer with 37dB of gain. Additionally, a
divide-by-2 prescaler to allow the use of either a single- or
dual-band VCO is integrated. There is also a TX LO
buffer. The design is flexible, in that the bias currents may
be set using off-chip current reference resistors for the
mixer and LNA blocks. The device is packaged in a plas-
tic, 5mmx5mm, leadless chip carrier.
• GPS Receive Front-End Gain=37dB
• Meets IMD Tests with Three Gain
States/Two Logic Control Lines
• Adjustable Mixer and LNA Bias Current
• Selectable Divide-by-2 Prescaler
• Integrated TX LO Buffer Amplifier
RF2498
Tri-Band/Quad-Mode CDMA/GPS Low Noise Ampli-
fier/Mixer
RF2498 PCBA
Fully Assembled Evaluation Board
0
Rev A4 070308
Package Style: QFN, 32-Pin, 5x5
NOT FOR NEW DESIGNS


Similar Part No. - RF2498

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RF2498 RFMD-RF2498 Datasheet
723Kb / 20P
TRI-BAND/QUAD-MODE CDMA/GPS LOW NOISE AMPLIFIER/MIXER
RF2498 RFMD-RF2498 Datasheet
877Kb / 22P
TRI-BAND/QUAD-MODE CDMA/GPS LOW NOISE AMPLIFIER/MIXER
RF2498PCBA RFMD-RF2498PCBA Datasheet
723Kb / 20P
TRI-BAND/QUAD-MODE CDMA/GPS LOW NOISE AMPLIFIER/MIXER
RF2498PCBA-41X RFMD-RF2498PCBA-41X Datasheet
877Kb / 22P
TRI-BAND/QUAD-MODE CDMA/GPS LOW NOISE AMPLIFIER/MIXER
RF2498 RFMD-RF2498_1 Datasheet
877Kb / 22P
TRI-BAND/QUAD-MODE CDMA/GPS LOW NOISE AMPLIFIER/MIXER
More results

Similar Description - RF2498

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RF2489 RFMD-RF2489 Datasheet
490Kb / 16P
DUAL-BAND/TRI-MODE CDMA LOW NOISE AMPLIFIER/MIXER
RF3404 RFMD-RF3404 Datasheet
202Kb / 12P
DUAL-BAND/TRI-MODE CDMA LOW NOISE AMPLIFIER/MIXER MODULE
RF2870 RFMD-RF2870 Datasheet
400Kb / 14P
CDMA LOW NOISE AMPLIFIER/MIXER 900MHz DOWNCONVERTER
RF2890 RFMD-RF2890 Datasheet
183Kb / 14P
DUAL-BAND CDMA CELLULAR/GPS LOW NOISE AMPLIFIER/MIXER
RF2498 RFMD-RF2498 Datasheet
723Kb / 20P
TRI-BAND/QUAD-MODE CDMA/GPS LOW NOISE AMPLIFIER/MIXER
logo
ATMEL Corporation
TO353 ATMEL-TO353 Datasheet
213Kb / 11P
2.8 V Tri-band/ Quad-mode RF Receiver for CDMA/AMPS/ GPS
logo
RF Micro Devices
RF2489 RFMD-RF2489_07 Datasheet
797Kb / 30P
DUAL-BAND/TRI-MODE CDMA LOW NOISE AMPLIFIER/MIXER
RF2861 RFMD-RF2861_06 Datasheet
124Kb / 14P
CDMA LOW NOISE AMPLIFIER/MIXER 900MHz DOWNCONVERTER
RF2498 RFMD-RF2498_1 Datasheet
877Kb / 22P
TRI-BAND/QUAD-MODE CDMA/GPS LOW NOISE AMPLIFIER/MIXER
RF2861 RFMD-RF2861_12 Datasheet
773Kb / 15P
CDMA LOW NOISE AMPLIFIER/MIXER 900MHz DOWNCONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com