Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RF2498PCBA Datasheet(PDF) 17 Page - RF Micro Devices

Part # RF2498PCBA
Description  TRI-BAND/QUAD-MODE CDMA/GPS LOW NOISE AMPLIFIER/MIXER
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF2498PCBA Datasheet(HTML) 17 Page - RF Micro Devices

Back Button RF2498PCBA Datasheet HTML 12Page - RF Micro Devices RF2498PCBA Datasheet HTML 13Page - RF Micro Devices RF2498PCBA Datasheet HTML 14Page - RF Micro Devices RF2498PCBA Datasheet HTML 15Page - RF Micro Devices RF2498PCBA Datasheet HTML 16Page - RF Micro Devices RF2498PCBA Datasheet HTML 17Page - RF Micro Devices RF2498PCBA Datasheet HTML 18Page - RF Micro Devices RF2498PCBA Datasheet HTML 19Page - RF Micro Devices RF2498PCBA Datasheet HTML 20Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 17 / 20 page
background image
8-317
RF2498
Rev A4 070308
Cellular Band LO Output Power versus LO Input Power
(Freq=2128MHz, Divider=0(ON), VCC 2.75V, Temp 25
oC)
-8.0
-7.5
-7.0
-6.5
-6.0
-10.0
-8.0
-6.0
-4.0
-2.0
0.0
LO Input Power (dBm)
Cellular Band LO Output Power versus LO-Input Power
(Freq=1064MHz, Divider 1(off), VCC=2.75V, Temp 25
oC)
-10.0
-9.5
-9.0
-8.5
-8.0
-7.5
-7.0
-6.5
-6.0
-10.0
-8.0
-6.0
-4.0
-2.0
0.0
LO-Input Power (dBm)
PCS Band LO Output Power versus LO-Input Power
(Freq=2144MHz, VCC 2.75V, Temp 25
oC)
-10.0
-9.0
-8.0
-7.0
-6.0
-10.0
-8.0
-6.0
-4.0
-2.0
0.0
LO-Input Power (dBm)
PCS Band LO Output Power versus VCC
(Freq=2144MHz, Input Power -4dBm, Temp 25
oC)
-10.00
-9.50
-9.00
-8.50
-8.00
-7.50
-7.00
-6.50
-6.00
2.70
2.75
2.80
2.85
2.90
2.95
3.00
3.05
3.10
3.15
VCC (V)
Cellular Band LO Output Power versus VCC
(Freq=2128MHz, Divider=0 (on), Input Power-4dBm, Temp 25
oC)
-8.00
-7.50
-7.00
-6.50
-6.00
2.70
2.75
2.80
2.85
2.90
2.95
3.00
3.05
3.10
3.15
VCC (V)
Cellular Band LO Output Power versus VCC
(Freq=1064MHz, Divider=1(off), Input Power-4dBm, Temp 25
oC)
-10.00
-9.00
-8.00
-7.00
-6.00
2.70
2.75
2.80
2.85
2.90
2.95
3.00
3.05
3.10
3.15
VCC (V)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com