Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPD5804 Datasheet(PDF) 1 Page - Solid States Devices, Inc

Part # SPD5804
Description  LOW LEAKAGE 2.0 AMPS 50 - 150 VOLTS 25 ns HYPERFAST RECOVERY RECTIFIER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSDI [Solid States Devices, Inc]
Direct Link  http://www.ssdi-power.com
Logo SSDI - Solid States Devices, Inc

SPD5804 Datasheet(HTML) 1 Page - Solid States Devices, Inc

  SPD5804 Datasheet HTML 1Page - Solid States Devices, Inc SPD5804 Datasheet HTML 2Page - Solid States Devices, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Solid State Devices, Inc.
14701 Firestone Blvd * La Mirada, Ca 90638
Phone: (562) 404-4474 * Fax: (562) 404-1773
ssdi@ssdi-power.com * www.ssdi-power.com
Designer’s Data Sheet
Part Number/Ordering Information 1/
SPD
__ __ __
└ Screening 2/
__ = Not Screened
TX = TX Level
TXV = TXV
S = S Level
│
│
│
│
│
│
└ Package Type
__ = Axial Leaded
SMS = Surface Mount Square Tab
│
│
│
│
│
│
│
│
│
│
└ Voltage/Family
5802 = 50V
5804 = 100V
5806 = 150V
SPD5802 thru SPD5806
and
SPD5802SMS thru SPD5806SMS
LOW LEAKAGE
2.0 AMPS
50 – 150 VOLTS
25 ns HYPERFAST RECOVERY
RECTIFIER
FEATURES:
•
Hyper Fast Reverse Recovery: 25ns Maximum 4/
•
PIV to 150 Volts (Voltages Up To 300V Available)
•
Hermetically Sealed
•
Low Forward Voltage Drop
•
Void Free Chip Construction
•
For High Efficiency Applications
•
Available in Axial & Square Tab Versions
•
TX, TXV, and S-Level Screening Available
2/
• Low Leakage Replacement for: 1N 5802, US thru
1N5806, US
MAXIMUM RATINGS 3/
RATING
SYMBOL
VALUE
UNIT
Peak Repetitive Reverse
Voltage
And
DC Blocking Voltage
SPD5802
SPD5804
SPD5806
VRRM
VRWM
VR
50
100
150
Volts
Average Rectified Forward Current
(Resistive Load, 60Hz, Sine Wave, TA = 25°C)
IO
2.0
Amps
Peak Surge Current
(8.3ms pulse, half sine wave superimposed on Io, allow
junction to reach equilibrium between pulses, TA = 25°C)
IFSM
50
Amps
Operating & Storage Temperature
TJ and
TSTG
-65 to +175
°
C
Thermal Resistance
Junction to Lead for Axial, L =.375"
Junction to End Tab for Surface Mount
RθJL
RθJE
38
25
°
C/W
NOTES:
1/ For Ordering Information, Price, Operating Curves, and Availability- Contact Factory.
2/ Screened to MIL-PRF-19500.
3/ Unless Otherwise Specified, All Electrical Characteristics @25ºC.
4/
IF = 500mA, IR = 1A, IRR = 250mA, TA = 25°C
Axial Leaded
SMS
NOTE: All specifications are subject to change without notification.
SCD's for these devices should be reviewed by SSDI prior to release.
DATA SHEET #: RC0107A
DOC


Similar Part No. - SPD5804

ManufacturerPart #DatasheetDescription
logo
Solid States Devices, I...
SPD5804 SSDI-SPD5804 Datasheet
213Kb / 2P
HYPERFAST RECOVERY RECTIFIER
More results

Similar Description - SPD5804

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
1N5802-1 MICROSEMI-1N5802-1 Datasheet
46Kb / 3P
2.5 AMPS FAST RECOVERY RECTIFIER CHIP 50 - 150 VOLTS
1N5807 MICROSEMI-1N5807 Datasheet
46Kb / 3P
6 AMPS FAST RECOVERY RECTIFIER CHIP 50 - 150 VOLTS
logo
Solid States Devices, I...
SPD5415 SSDI-SPD5415 Datasheet
158Kb / 2P
3 AMPS 50 - 600 VOLTS 150 - 400 nsec FAST RECOVERY RECTIFIER
SPD5807 SSDI-SPD5807 Datasheet
148Kb / 2P
6.0 AMPS 50 - 150 VOLTS 40 ns HYPERFAST RECOVERY RECTIFIER
SPD605 SSDI-SPD605 Datasheet
148Kb / 2P
6.0 AMPS 50 - 300 VOLTS 40 ns HYPERFAST RECOVERY RECTIFIER
SPD205 SSDI-SPD205 Datasheet
148Kb / 2P
2.0 AMPS 50 - 300 VOLTS 25 ns HYPERFAST RECOVERY RECTIFIER
1N7066 SSDI-1N7066 Datasheet
213Kb / 2P
10 AMP 50 -150 VOLTS 30 ns HYPERFAST RECOVERY RECTIFIER
SDR10D SSDI-SDR10D Datasheet
188Kb / 2P
10 AMPS 200 - 1000 VOLTS 5 ns STANDARD RECOVERY RECTIFIER
SPD205 SSDI-SPD205_1 Datasheet
227Kb / 2P
25 ns HYPERFAST RECOVERY RECTIFIER
SHF2340 SSDI-SHF2340 Datasheet
268Kb / 3P
3 AMP HYPERFAST RECOVERY RECTIFIER 400 - 600 VOLTS, 18 ns
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com