Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RF2514PCBA Datasheet(PDF) 1 Page - RF Micro Devices

Part # RF2514PCBA
Description  VHF/UHF TRANSMITTER
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF2514PCBA Datasheet(HTML) 1 Page - RF Micro Devices

  RF2514PCBA Datasheet HTML 1Page - RF Micro Devices RF2514PCBA Datasheet HTML 2Page - RF Micro Devices RF2514PCBA Datasheet HTML 3Page - RF Micro Devices RF2514PCBA Datasheet HTML 4Page - RF Micro Devices RF2514PCBA Datasheet HTML 5Page - RF Micro Devices RF2514PCBA Datasheet HTML 6Page - RF Micro Devices RF2514PCBA Datasheet HTML 7Page - RF Micro Devices RF2514PCBA Datasheet HTML 8Page - RF Micro Devices RF2514PCBA Datasheet HTML 9Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
11-39
Product Description
Ordering Information
Typical Applications
Features
Functional Block Diagram
RF Micro Devices, Inc.
7628 Thorndike Road
Greensboro, NC 27409, USA
Tel (336) 664 1233
Fax (336) 664 0454
http://www.rfmd.com
Optimum Technology Matching® Applied
Si BJT
GaAs MESFET
GaAs HBT
Si Bi-CMOS
SiGe HBT
Si CMOS
InGaP/HBT
GaN HEMT
SiGe Bi-CMOS
Prescaler
32/64
Phase
Detector &
Charge Pump
Lock
Detect
DC
Bias
2PD
15
16
12
11
10
3
TX OUT
5
13
14
RF2514
VHF/UHF TRANSMITTER
• 868MHz/915MHz ISM Band Systems
• Local Oscillator Source
• Remote Keyless Entry
• AM/ASK/OOK Transmitter
• Wireless Security Systems
The RF2514 is a monolithic integrated circuit intended for
use as a low-cost AM/ASK transmitter. The device is pro-
vided in a 4mmx4mm, 16-pin leadless chip carrier and is
designed to provide a phased locked frequency source
for use in local oscillator or transmitter applications. The
chip can be used in applications in the North American
and European VHF/UHF ISM bands. The integrated
VCO, phase detector, reference divider, and reference
oscillator transistor require only the addition of an exter-
nal crystal to provide a complete phase-locked oscillator.
In addition to the standard power-down mode, the chip
also includes an automatic lock detect feature that dis-
ables the transmitter output when the PLL is out-of-lock.
• Fully Integrated PLL Circuit
• Integrated VCO and Reference Oscillator
• 2.25V to 3.6V Supply Voltage
• Low Current and Power Down Capability
• 100MHz to 1000MHz Frequency Range
• Out-of-Lock Inhibit Circuit
RF2514
VHF/UHF Transmitter
RF2514 PCBA
Fully Assembled Evaluation Board
0
Rev A5 040115
12°
MAX
0.05
0.00
0.75
0.65
1.00
0.90
C
0.05
Dimensions in mm.
Shaded pin is lead 1.
A
4.00
2.00
1.50
SQ.
4.00
2
2.00
1.60
2 PLCS
0.10 C A
2 PLCS
0.10
C AB
M
3.20
2 PLCS
0.75
0.50
0.10 C B
2 PLCS
-B-
0.80
TYP
0.45
0.28
0.10 C A
2 PLCS
3.75
3.75
0.10 C B
2 PLCS
INDEX AREA
Package Style: QFN, 16-Pin, 4x4


Similar Part No. - RF2514PCBA

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RF2514PCBA-41X RFMD-RF2514PCBA-41X Datasheet
447Kb / 18P
VHF/UHF TRANSMITTER
More results

Similar Description - RF2514PCBA

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RF2510 RFMD-RF2510 Datasheet
284Kb / 10P
VHF/UHF TRANSMITTER
RF2512 RFMD-RF2512 Datasheet
313Kb / 14P
UHF TRANSMITTER
RF2513 RFMD-RF2513 Datasheet
321Kb / 14P
UHF TRANSMITTER
RF2514 RFMD-RF2514 Datasheet
268Kb / 14P
VHF/UHF TRANSMITTER
RF2516 RFMD-RF2516 Datasheet
295Kb / 20P
VHF/UHF TRANSMITTER
logo
List of Unclassifed Man...
TX4915 ETC-TX4915 Datasheet
234Kb / 9P
TX4915 VHF/UHF TRANSMITTER
USP10 ETC1-USP10 Datasheet
46Kb / 1P
VHF/UHF TRANSISTOR
logo
RF Micro Devices
RF2514 RFMD-RF2514_1 Datasheet
447Kb / 18P
VHF/UHF TRANSMITTER
logo
Diodes Incorporated
ZUMT918TA DIODES-ZUMT918TA Datasheet
25Kb / 1P
VHF/UHF TRANSISTOR
DECEMBER 1998
logo
Leshan Radio Company
LMBTH10QLT1G LRC-LMBTH10QLT1G_15 Datasheet
230Kb / 5P
VHF/UHF Transistors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com