Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP6122 Datasheet(PDF) 13 Page - Sipex Corporation

Part # SP6122
Description  Low Voltage, Micro 8, PFET, Buck Controller Ideal for 1A to 5A, Small Footprint, DC-DC Power Converters
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP6122 Datasheet(HTML) 13 Page - Sipex Corporation

Back Button SP6122 Datasheet HTML 9Page - Sipex Corporation SP6122 Datasheet HTML 10Page - Sipex Corporation SP6122 Datasheet HTML 11Page - Sipex Corporation SP6122 Datasheet HTML 12Page - Sipex Corporation SP6122 Datasheet HTML 13Page - Sipex Corporation SP6122 Datasheet HTML 14Page - Sipex Corporation SP6122 Datasheet HTML 15Page - Sipex Corporation SP6122 Datasheet HTML 16Page - Sipex Corporation SP6122 Datasheet HTML 17Page - Sipex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 19 page
background image
13
Date: 10/02/04
SP6122 Low Voltage, Micro 8, PFET, Buck Controller
© Copyright 2004 Sipex Corporation
INPUT CAPACITOR SELECTION
The input capacitor should be selected for
ripple current rating, capacitance and volt-
age rating. The input capacitor must meet
the ripple current requirement imposed by
the switching current. In continuous con-
duction mode, the source current of the
high-side MOSFET is approximately a
square wave of duty cycle VOUT/VIN. Most of
this current is supplied by the input bypass
capacitors. The RMS value of input capaci-
tor current is determined at the maximum
output current and under the assumption
that the peak to peak inductor ripple current
is low, it is given by:
ICIN(RMS) = IOUT(MAX)√ D(1-D)
The worse case occurs when the duty cycle
D is 50% and gives an RMS current value
equal to IOUT/2. Select input capacitors with
adequate ripple current rating to ensure
reliable operation. The power dissipated in
the input capacitor is:
PCIN = ICIN2 (RMS) RESR(CIN)
This can become a significant part of power
losses in a converter and hurt the overall
energy transfer efficiency. The input volt-
age ripple primarily depends on
the input capacitor ESR and capacitance.
Ignoring the inductor ripple current, the in-
put voltage ripple can be determined by:
∆VIN = IOUT (MAX) RESR(CIN) +
IOUT(MAX)VOUT(VIN - VOUT)/( FS CIN VIN2)
The capacitor type suitable for the output
capacitors can also be used for the input
capacitors. However, exercise extra cau-
tion when tantalum capacitors are consid-
ered. Tantalum capacitors are known for
catastrophic failure when exposed to surge
current, and input capacitors are prone to
such surge current when power supplies
are connected ‘live’ to low impedance power
sources. Certain tantalum capacitors, such
as AVX TPS series, are surge tested. For
generic tantalum capacitors, use 2:1 volt-
age derating to protect the input capacitors
from surge fall-out.
For accurate control it is important to keep
ripple voltages on Vin to a minimum. Vin
powers the SP6122 and its internal refer-
ence used to maintain output regulation, so
proper input bypassing is critical to reduce
reference noise. With a reference compara-
tor internal hysteresis of 5mV, and a 1.25V
reference voltage, noise on the VCC of the
ICC should be kept to about 20mV or less to
reduce reference noise effect on output
regulation.
The use of very low ESR capacitors is recom-
mended for Vin bypassing, through the use of
parallel combinations of tantalum capacitors
or even better using some of the new large
valued multi-layer ceramic capacitors. ESR
values as low as 0.005Ω can be obtained with
a 47µF ceramic (see table 1 capacitor selec-
tion) and these ceramic capacitors will reduce
the power loss in the input capacitance greatly
by their reduced ESR values.
For the SP6122 example using the 47µF
ceramic input capacitor, the PCIN = 20mW,
which is very efficient, and the input ripple
voltage at the VIN post (not the VCC pin of the
IC) is about 90mV.
MOSFET SELECTION
A SP6122 design uses a PMOS switch on
the high side, without the need for a high
side charge pump, simplifying the applica-
tion circuit. The losses associated with the
PMOS can be divided into conduction and
switching losses. Conduction losses are
related to the on resistance of the PMOS,
and increase with the load current. Switch-
ing losses occur on each on/off transition
when the PMOS experiences both high
current and voltage. The switching losses
are difficult to quantify due to all the vari-
ables affecting turnon/turnoff time. How-
ever, the following equation provides an
approximation on the switching losses as-
sociated with the PMOS driven by SP6122.
Guidelines for Component Selection:
continued



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com