Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP6120EY/TR Datasheet(PDF) 10 Page - Sipex Corporation

Part # SP6120EY/TR
Description  Low Voltage, AnyFETTM, Synchronous,Buck Controller Ideal for 2A to 10A, High Performance, DC-DC Power Converters
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP6120EY/TR Datasheet(HTML) 10 Page - Sipex Corporation

Back Button SP6120EY/TR Datasheet HTML 6Page - Sipex Corporation SP6120EY/TR Datasheet HTML 7Page - Sipex Corporation SP6120EY/TR Datasheet HTML 8Page - Sipex Corporation SP6120EY/TR Datasheet HTML 9Page - Sipex Corporation SP6120EY/TR Datasheet HTML 10Page - Sipex Corporation SP6120EY/TR Datasheet HTML 11Page - Sipex Corporation SP6120EY/TR Datasheet HTML 12Page - Sipex Corporation SP6120EY/TR Datasheet HTML 13Page - Sipex Corporation SP6120EY/TR Datasheet HTML 14Page - Sipex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 22 page
background image
10
Date: 1/21/05
SP6120 Low Voltage, AnyFETTM, Synchronous, Buck Controller
© Copyright 2005 Sipex Corporation
TIME
3% Low
Enable Voltage
V(VCC)
0V
SWN
Voltage
V(VCC)
0V
FAULT
Reset Voltage
V(VCC)
0V
Inductor Current
ILOAD
0V
Error Amplifier
Reference
Voltage
0V
1.25V
VOUT = V(Eamp REF)* (1+RF/RI)
SS Voltage
0V
0.25V
0.7V
2.0V
2.4V
dVSS/dt = 50µA/CSS
V(ISP) - V(ISN)
0V
250mV
V(VCC)
0V
0V
2.0V
SS Voltage
FAULT Voltage
2.4V
43mV
finite propagation delay of the controller. When
the SS voltage reaches 2.0V, the secondary loop
including the 3% window comparator is en-
abled. Lastly, the SS voltage is clamped at 2.4V,
ending the soft start charge cycle.
Hiccup Mode
When the converter enters a fault mode, the
driver holds the high side and low side MOSFETs
off for a finite period of time. Provided the part
is enabled, this time is set by the discharge of the
SS capacitor. The discharge time is roughly 10
times the charge interval thereby giving the
power supply plenty of time to cool during an
over current fault. The driver off-time is pre-
dominantly determined by the discharge time.
Restart will occur just like a normal soft start
cycle.
However, if a fault occurs during the soft start
charge cycle, the FAULT latch is immediately
set, turning off the high side and low side
MOSFETs. The MOSFETs remain off during
the remainder of the charge cycle and subse-
quent discharge cycle of the SS capacitor. Again,
provided there are no external fault conditions,
the FAULT latch will be reset when the SS
voltage reaches 250 mV.
Over Current Protection
The SP6120 over current protection scheme is
designed to take advantage of three popular
detection schemes: Sense Resistor, Trace Resis-
tor or Inductor Sense. Because the detection
threshold is only 43mV, both trace resistor and
inductor sense become attractive protection
schemes. The inductor sense scheme adds no
additional dc loss to the converter and is an
excellent alternative to Rdson based schemes;
providing continuous current sensing and flex-
ible MOSFET selection. An internal, 10
µs filter
conditions the over current signal from tran-
sients generated during load steps. In addition,
because the over current inputs, ISP and ISN,
are capable of rail to rail operation, the SP6120
provides excellent over current protection dur-
ing conditions where V
IN approaches VOUT.
THEORY OF OPERATIONS: Continued



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com