Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RF2705G Datasheet(PDF) 21 Page - RF Micro Devices

Part # RF2705G
Description  LOW NOISE, MULTI-MODE, QUAD-BAND, QUADRATURE MODULATOR AND PA DRIVER
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF2705G Datasheet(HTML) 21 Page - RF Micro Devices

Back Button RF2705G Datasheet HTML 16Page - RF Micro Devices RF2705G Datasheet HTML 17Page - RF Micro Devices RF2705G Datasheet HTML 18Page - RF Micro Devices RF2705G Datasheet HTML 19Page - RF Micro Devices RF2705G Datasheet HTML 20Page - RF Micro Devices RF2705G Datasheet HTML 21Page - RF Micro Devices RF2705G Datasheet HTML 22Page - RF Micro Devices RF2705G Datasheet HTML 23Page - RF Micro Devices RF2705G Datasheet HTML 24Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 21 / 24 page
background image
5-133
RF2705G
Rev A0 060206
Evaluation Board Schematic
7
6
5
4
3
2
1
12
11
10
9
8
18
17
16
15
14
13
23
22
21
20
19
24
Note: The die flag is the
chip's main ground.
+45°
-45°
Σ
DIV
2
+45°
-45°
Flo
x2
Mode Control
and Biasing
Power
Control
C6
5.6 pF
MODE B
MODE A
C1
1 nF
VCC
50
Ωμstrip
J1
I SIG N
50
Ωμstrip
J2
I SIG P
C4
1.8 pF
L1
3.9 nH
50
Ωμstrip
J3
HB LO
C13
3 pF
L6
22 nH
50
Ωμstrip
J6
LB LO
MODE C
MODE D
50
Ωμstrip
J8
Q SIG N
50
Ωμstrip
J9
Q SIG P
C15
1 nF
C14
10 nF
P1
1
2
3
4
CON4
P2-1
MODE D
P2-4
MODE A
P2-3
MODE B
P2-2
MODE C
GC
L7
12 nH
C17
3.3 pF
R4
1 k
Ω
L8
12 nH
C16
3.3 pF
C8
100 pF
C18
0.5 pF
VCC
50
Ωμstrip
J7
LB RF OUT
L4
4.3 nH
C9
1.6 pF
R3
430
Ω
L5
4.3 nH
C10
1.6 pF
C11
22 pF
C5
DNI
VCC
50
Ωμstrip
J5
HB RF OUT
L2
2.2 nH
C2
4.3 pF
R1
1 k
Ω
L3
2.2 nH
C3
4.3 pF
C7
12 pF
C12
1.3 pF
VCC
50
Ωμstrip
J4
WB RF OUT
T2
Murata
LDB211G8020C-001
T1
Murata
LDB211G9020C-001
T3
Murata
LDB21906M20C-001
R2
430
Ω
GND
VCC
P1-1
GC
P1-3
P2
1
2
3
CON3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com