Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RF2713 Datasheet(PDF) 2 Page - RF Micro Devices

Part # RF2713
Description  QUADRATURE MODULATOR/DEMODULATOR
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF2713 Datasheet(HTML) 2 Page - RF Micro Devices

  RF2713 Datasheet HTML 1Page - RF Micro Devices RF2713 Datasheet HTML 2Page - RF Micro Devices RF2713 Datasheet HTML 3Page - RF Micro Devices RF2713 Datasheet HTML 4Page - RF Micro Devices RF2713 Datasheet HTML 5Page - RF Micro Devices RF2713 Datasheet HTML 6Page - RF Micro Devices RF2713 Datasheet HTML 7Page - RF Micro Devices RF2713 Datasheet HTML 8Page - RF Micro Devices RF2713 Datasheet HTML 9Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
7-48
RF2713
Rev A5 061016
Absolute Maximum Ratings
Parameter
Rating
Unit
Supply Voltage
-0.5 to 7.0
VDC
IF Input Level
500
mVPP
Operating Ambient Temperature
-40 to +85
°C
Storage Temperature
-40 to +150
°C
Parameter
Specification
Unit
Condition
Min.
Typ.
Max.
Overall
T=25°C, VCC=3.0V, IF=100MHz,
LO=200MHz, FMOD=500kHz
IF Frequency Range
0.1
265
MHz
For IF frequencies below ~2.5MHz, the LO
should be a square wave. IF frequencies
lower than 100kHz are attainable if the LO is
a square wave and sufficiently large DC
blocking capacitors are used.
Baseband Frequency Range
DC
50
MHz
Input Impedance
1200 || 1pF
Ω
Each input, single-ended
LO
Frequency
Twice (2x) the IF frequency. For IF frequen-
cies below ~2.5MHz, the LO should be a
square wave. IF frequencies lower than
100kHz are attainable if the LO is a square
wave and sufficiently large DC blocking
capacitors are used.
Level
0.06
0.8
VPP
Input Impedance
500 || 1pF
Ω
Demodulator
Configuration
IFIN=28mVPP, LO=200mVPP, ZLOAD=10kΩ
Output Impedance
170 || 1pF
Ω
Each output, IOUT and QOUT @ 1MHz
Maximum Output
2.5
VPP
Saturated
Voltage Gain
20
dB
VCC=3.0V
22.5
24
25.1
dB
VCC=5.0V
Noise Figure
24
dB
Single Sideband, IF Input of device reac-
tively matched
28
33
dB
Single Sideband, 50
Ω shunt resistor at IF
Input
Input Third Order Intercept Point
(IIP3)
-22
dBm
VCC=3.0V, IF Input of device reactively
matched
-11
dBm
VCC=3.0V, 50Ω shunt resistor at IF Input
-19
VCC=5.0V, IF Input of device reactively
matched
-8
dBm
VCC=5.0V, 50Ω shunt resistor at IF Input
-28
dBm
VCC=5.0V, IF Input of device reactively
matched, ZLOAD=50Ω
Input 1dB Compression Point
-21
-18.5
dBm
VCC=5.0V, 50Ω shunt at IF Input
I/Q Amplitude Balance
0.1
0.5
dB
Quadrature Phase Error
1
°
DC Output
800
mV
VCC=3.0V, IOUT and QOUT to GND
2.0
2.4
2.8
V
VCC=5.0V, IOUT and QOUT to GND
DC Offset
<10
100
mV
IOUT to QOUT
Caution! ESD sensitive device.
RF Micro Devices believes the furnished information is correct and accurate
at the time of this printing. RoHS marking based on EUDirective2002/95/EC
(at time of this printing). However, RF Micro Devices reserves the right to
make changes to its products without notice. RF Micro Devices does not
assume responsibility for the use of the described product(s).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com