Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RF2722 Datasheet(PDF) 1 Page - RF Micro Devices

Part # RF2722
Description  GSM/GPRS/EDGE RECEIVER Part of the POLARISTM TOTAL RADIOTM Solution
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF2722 Datasheet(HTML) 1 Page - RF Micro Devices

  RF2722 Datasheet HTML 1Page - RF Micro Devices RF2722 Datasheet HTML 2Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
8-361
Product Description
Ordering Information
Typical Applications
Features
Functional Block Diagram
RF Micro Devices, Inc.
7628 Thorndike Road
Greensboro, NC 27409, USA
Tel (336) 664 1233
Fax (336) 664 0454
http://www.rfmd.com
Optimum Technology Matching® Applied
Si BJT
GaAs MESFET
GaAs HBT
Si Bi-CMOS
SiGe HBT
Si CMOS
InGaP/HBT
GaN HEMT
SiGe Bi-CMOS
DIG/FLT VCC
LNA 2P
LNA 2N
LNA 3P
LNA 3N
LNA 4P
LNA 4N
TXB IN LB
QB OUT
Q OUT
IB OUT
I OUT
LNA 1P
LNA 1N
TXB IN HB
TX EN
9
10
11
12
13
14
15
16
24
23
22
21
20
19
18
17
25
26
27
28
29
30
31
32
1
2
3
4
5
6
7
8
LNA3
LNA4
DC
Correct
Quadrature
Generator
LNA1
LNA2
Polyphase
Filter
Quadrature
Mixer
Serial
Data
Interface
RF2722
GSM/GPRS/EDGE RECEIVER
• EGSM/DCS Handsets
• EGSM/DCS/PCS Handsets
• GSM850/PCS Handsets
• GSM850/EGSM/DCS/PCS Handsets
The RF2722 is a highly-integrated receiver IC supporting
GSM, GPRS, and EDGE cellular standards in the
GSM850, EGSM, DCS, and PCS bands. The RF2722
supports both very-low intermediate frequency (VLIF) as
well as direct conversion receive (DCR) architectures,
reducing external component count and eliminating the
need for IF SAW and RF interstage filters without com-
promising performance. The IC includes: four LNA’s for
multi-band support; an integrated voltage controlled oscil-
lator (VCO); automatic gain control (AGC); a quadrature
downconverting mixer; and, low and high band transmit
buffers. Chip functionality, including IF AGC setting, is
controlled through a three-wire serial data interface (SDI).
The RF2722 is part of the POLARISTM TOTAL RADIOTM
solution.
• GSM850, EGSM, DCS & PCS Operation
• Supports Both VLIF & DCR Modes
• Integrated RF VCO
• Integrated LNA’s Support up to Four RF
Bands
• EDGE Receive Compatible
RF2722
GSM/GPRS/EDGE Receiver
RF2722PCBA-41XFully Assembled Evaluation Board
0
Rev A4 050919
Shaded lead is pin 1.
-B-
2.50 TYP.
2.37 TYP.
5.00 SQ.
-A-
3
2 PLCS
0.10 C A
2 PLCS
0.10 C B
4.75 SQ.
2 PLCS
0.10 C A
2 PLCS
0.10 C B
0.05
0.00
0.70
0.65
12°
MAX
-C-
SEATING
PLANE
0.90
0.85
0.05 C
0.50
3.45
3.15
SQ.
Pin 1 ID
R.20
0.50
0.30
2
0.30
0.18
0.60
0.24
TYP.
C A B
0.10 M
Dimensions in mm.
Package Style: QFN, 32-Pin, 5x5
Proposed
Part of the POLARISTM TOTAL RADIOTM Solution
RoHS Compliant & Pb-Free Product


Similar Part No. - RF2722

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RF2722 RFMD-RF2722 Datasheet
348Kb / 26P
GSM/GPRS/EDGE RECEIVER
RF2722PCBA-41X RFMD-RF2722PCBA-41X Datasheet
348Kb / 26P
GSM/GPRS/EDGE RECEIVER
RF2722 RFMD-RF2722_1 Datasheet
348Kb / 26P
GSM/GPRS/EDGE RECEIVER
More results

Similar Description - RF2722

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RF6001 RFMD-RF6001_06 Datasheet
45Kb / 2P
FRACTIONAL-N RF SYNTHESIZER WITH MODULATOR AND DIGITAL IF FILTER Part of the POLARISTM TOTAL RADIOTM Solution
RF2722 RFMD-RF2722_1 Datasheet
348Kb / 26P
GSM/GPRS/EDGE RECEIVER
logo
Telit loT Solutions
GE310-GNSS TELIT-GE310-GNSS Datasheet
645Kb / 2P
GSM | GPRS Embedded
GE866-QUAD TELIT-GE866-QUAD Datasheet
440Kb / 2P
GSM | GPRS Embedded
GE910-QUAD TELIT-GE910-QUAD Datasheet
480Kb / 2P
GSM | GPRS Embedded
GE910-QUADV3 TELIT-GE910-QUADV3 Datasheet
174Kb / 2P
GSM | GPRS Embedded
GL865-DUALV3 TELIT-GL865-DUALV3 Datasheet
164Kb / 2P
GSM | GPRS Embedded
GL865-QUADV3 TELIT-GL865-QUADV3 Datasheet
164Kb / 2P
GSM | GPRS Embedded
GL865-QUADV4 TELIT-GL865-QUADV4 Datasheet
551Kb / 2P
GSM | GPRS Embedded
GL865V3.1 TELIT-GL865V3.1 Datasheet
284Kb / 2P
GSM | GPRS Embedded
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com