Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RF2850PCBA Datasheet(PDF) 3 Page - RF Micro Devices

Part # RF2850PCBA
Description  DIRECT QUADRATURE MODULATOR
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF2850PCBA Datasheet(HTML) 3 Page - RF Micro Devices

  RF2850PCBA Datasheet HTML 1Page - RF Micro Devices RF2850PCBA Datasheet HTML 2Page - RF Micro Devices RF2850PCBA Datasheet HTML 3Page - RF Micro Devices RF2850PCBA Datasheet HTML 4Page - RF Micro Devices RF2850PCBA Datasheet HTML 5Page - RF Micro Devices RF2850PCBA Datasheet HTML 6Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
5-53
RF2850
Rev A0 050616
Parameter
Specification
Unit
Condition
Min.
Typ.
Max.
High Band Performance with PCS CDMA and W-CDMA Baseband Inputs
W-CDMA 3GPP
Channel Power
-13
dBm
3.84MHz integrated bandwidth, ESG-D with
LPF
ACPR @ 1960MHz
-68
-62
dBc
SNR @ 1960MHz
-74
-70
dBc
ACPR @ 2140MHz
-65
-62
dBc
SNR @ 2140MHz
-74
-70
dBc
Noise Floor @ 20MHz Offset
-156
-155
dBm/Hz
20MHz offset from LO
PCS CDMA
Channel Power
-13
dBm
1.2288MHz integrated bandwidth
ACPR @ 1960MHz
-72
-70
dBc
30kHz integrated bandwidth
W-CDMA 1MHz BW
Channel Power
-14
dBm
1MHz integrated bandwidth at adjacent
channel
ACPR @ 2140MHz
-74
-71
dBc
SNR @ 2140MHz
-85
-82
dBc
Noise Floor @ 20MHz Offset
-157
-156
dBm/Hz
20MHz offset from LO



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com