Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RF2860 Datasheet(PDF) 13 Page - RF Micro Devices

Part # RF2860
Description  PCS CDMA LOW NOISE AMPLIFIER/MIXER BROADBAND DOWNCONVERTER
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF2860 Datasheet(HTML) 13 Page - RF Micro Devices

Back Button RF2860_06 Datasheet HTML 6Page - RF Micro Devices RF2860_06 Datasheet HTML 7Page - RF Micro Devices RF2860_06 Datasheet HTML 8Page - RF Micro Devices RF2860_06 Datasheet HTML 9Page - RF Micro Devices RF2860_06 Datasheet HTML 10Page - RF Micro Devices RF2860_06 Datasheet HTML 11Page - RF Micro Devices RF2860_06 Datasheet HTML 12Page - RF Micro Devices RF2860_06 Datasheet HTML 13Page - RF Micro Devices RF2860_06 Datasheet HTML 14Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 13 / 14 page
background image
8-395
RF2860
Rev A9 050902
Tape and Reel Information
Carrier tape basic dimensions are based on EIA481. The pocket is designed to hold the part for shipping and loading
onto SMT manufacturing equipment, while protecting the body and the solder terminals from damaging stresses. The
individual pocket design can vary from vendor to vendor, but width and pitch will be consistent.
Carrier tape is wound or placed onto a shipping reel either 330 mm (13 inches) in diameter or 178 mm (7 inches) in
diameter. The center hub design is large enough to ensure the radius formed by the carrier tape around it does not put
unnecessary stress on the parts.
Prior to shipping, moisture sensitive parts (MSL level 2a-5a) are baked and placed into the pockets of the carrier tape. A
cover tape is sealed over the top of the entire length of the carrier tape. The reel is sealed in a moisture barrier, ESD bag,
which is placed in a cardboard shipping box. It is important to note that unused moisture sensitive parts need to be
resealed in the moisture barrier bag. If the reels exceed the exposure limit and need to be rebaked, most carrier tape and
shipping reels are not rated as bakeable at 125°C. If baking is required, devices may be baked according to section 4,
table 4-1, column 8 of Joint Industry Standard IPC/JEDEC J-STD-033A.
The following table provides useful information for carrier tape and reels used for shipping the devices described in this
document.
QFN (Carrier Tape Drawing with Part Orientation)
RFMD Part Number
Reel
Diameter
Inch (mm)
Hub
Diameter
Inch (mm)
Width
(mm)
Pocket Pitch
(mm)
Feed
Units per
Reel
RF2860TR7
7 (178)
2.4 (61)
12
4
Single
2500
Notes:
1. All dimensions are in millimeters (mm).
2. Unless otherwise specified, all dimension tolerances per EIA-481.
Ao = 3.18 ± 0.10
Bo = 3.18 ± 0.10
F = 5.50 ± 0.05
Ko = 1.02 ± 0.10
P = 4.00 ± 0.10
W = 12.00 +0.30/-0.10
Ø1.50±.10
15 inch Trailer
Top View
15 inch Leader
Sprocket holes toward
rear of reel
Pin 1
Location
RF
Part Number
Trace Code
RF
Part Number
Trace Code
RF
Part Number
Trace Code
RF
Part Number
Trace Code
RF
Part Number
Trace Code
RF
Part Number
Trace Code
RF
Part Number
Trace Code
2.00 ± 0.05
4.00 ± 0.10
F
W
1.75±0.10
Bo
Ko
P
Ao
0.279
±.020
Direction of Feed



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com