Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP61346 Datasheet(PDF) 10 Page - Sipex Corporation

Part # SP61346
Description  Dual Supply Synchronous Buck Controller
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP61346 Datasheet(HTML) 10 Page - Sipex Corporation

Back Button SP61346 Datasheet HTML 6Page - Sipex Corporation SP61346 Datasheet HTML 7Page - Sipex Corporation SP61346 Datasheet HTML 8Page - Sipex Corporation SP61346 Datasheet HTML 9Page - Sipex Corporation SP61346 Datasheet HTML 10Page - Sipex Corporation SP61346 Datasheet HTML 11Page - Sipex Corporation SP61346 Datasheet HTML 12Page - Sipex Corporation SP61346 Datasheet HTML 13Page - Sipex Corporation SP61346 Datasheet HTML 14Page - Sipex Corporation  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
10
Date: 2/16/06
SP6134 Dual Supply, Synchronous Buck Controller
© Copyright 2006 Sipex Corporation
APPLICATIONS INFORMATION: Continued
The capacitor type suitable for the output capac-
itors can also be used for the input capacitors.
However, exercise extra caution when tantalum
capacitors are considered. Tantalum capacitors are
known for catastrophic failure when exposed to
surge current, and input capacitors are prone to
such surge current when power supplies are con-
nected “live” to low impedance power sources.
MOSFET Selection
The losses associated with MOSFETs can be
divided into conduction and switching losses.
Conduction losses are related to the on resistance
of MOSFETs, and increase with the load current.
Switching losses occur on each on/off transition
when the MOSFETs experience both high current
and voltage. Since the bottom MOSFET switches
current from/to a paralleled diode (either its own
body diode or a Schottky diode), the voltage across
the MOSFET is no more than 1V during switching
transition. As a result, its switching losses are
negligible. The switching losses are difficult to
quantify due to all the variables affecting turn on/
off time. However, the following equation pro-
vides an approximation on the switching losses
associatedwiththetopMOSFETdrivenbySP6134.
S
OUT
IN
rss
S H
F
I
V
C
P
(max)
(max)
(max)
12
=
where
Crss = reverse transfer capacitance of the top
MOSFET
Switching losses need to be taken into account for
high switching frequency, since they are directly
proportional to switching frequency. The conduc-
tion losses associated with top and bottom
MOSFETs are determined by:
D
I
R
P
OUT
ON
DS
CH
2
(max)
)
(
(max) =
)
1
(
2
(max )
)
(
(max )
D
I
R
P
OUT
ON
DS
CL
−
=
where
PCH(max) = conduction losses of the high side
MOSFET
PCL(max) = conduction losses of the low side
MOSFET
RDS(ON) = drain to source on resistance.
The total power losses of the top MOSFET are the
sum of switching and conduction losses. For syn-
chronous buck converters of efficiency over 90%,
allow no more than 4% power losses for high or
low side MOSFETs. For input voltages of 3.3V
and 5V, conduction losses often dominate switch-
ing losses. Therefore, lowering the RDS(ON) of the
MOSFETs always improves efficiency even
though it gives rise to higher switching losses due
to increased Crss.
Top and bottom MOSFETs experience unequal
conduction losses if their on time is unequal. For
applications running at large or small duty cycle, it
makes sense to use different top and bottom
MOSFETs. Alternatively, parallel multiple
MOSFETs to conduct large duty factor.
RDS(ON) varies greatly with the gate driver voltage.
The MOSFET vendors often specify RDS(ON) on
multiple gate to source voltages (VGS), as well as
provide typical curve of RDS(ON) versus VGS. For
5V input, use the RDS(ON) specified at 4.5V VGS. At
the time of this publication, vendors, such as
Fairchild, Siliconix and International Rectifier,
have started to specify RDS(ON) at VGS less than 3V.
This has provided necessary data for designs in
which these MOSFETs are driven with 3.3V and
made it possible to use SP6134 in 3.3V only
applications.
Thermal calculation must be conducted to ensure
the MOSFET can handle the maximum load cur-
rent. The junction temperature of the MOSFET,
determined as follows, must stay below the maxi-
mum rating.
JA
MOSFET
A
J
R
P
T
T
θ
(max)
(max)
( max)
+
=
where
TA(max) = maximum ambient temperature
PMOSFET(max) = maximum power dissipa-
tion of the MOSFET
RΘJA = junction to ambient thermal resistance.
RΘJA of the device depends greatly on the board
layout, as well as device package. Significant



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com