Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPD5416 Datasheet(PDF) 1 Page - Solid States Devices, Inc

Part # SPD5416
Description  3 AMPS 50 - 600 VOLTS 150 - 400 nsec FAST RECOVERY RECTIFIER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSDI [Solid States Devices, Inc]
Direct Link  http://www.ssdi-power.com
Logo SSDI - Solid States Devices, Inc

SPD5416 Datasheet(HTML) 1 Page - Solid States Devices, Inc

  SPD5416 Datasheet HTML 1Page - Solid States Devices, Inc SPD5416 Datasheet HTML 2Page - Solid States Devices, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Solid State Devices, Inc.
14701 Firestone Blvd * La Mirada, Ca 90638
Phone: (562) 404-4474 * Fax: (562) 404-1773
ssdi@ssdi-power.com * www.ssdi-power.com
Designer’s Data Sheet
Part Number/Ordering Information 1/
SPD
__ __ __
└ Screening 2/
__ = Not Screened
TX = TX Level
TXV = TXV
S = S Level
│
│
│
│
│
│
└ Package Type
__ = Axial Leaded
SMS = Surface Mount Square Tab
│
│
│
│
│
│
│
│
│
│
└ Voltage/Family
5415 = 50V
5416 = 100V
5417 = 200V
5418 = 400V
5419 = 500V
5420 = 600V
SPD5415 thru SPD5420
and
SPD5415SMS thru SPD5420SMS
3 AMPS
50 ─ 600 VOLTS
150 – 400 nsec FAST RECOVERY
RECTIFIER
FEATURES:
•
Fast Reverse Recovery (Faster Versions Available)
•
PIV to 600 Volts (Higher Voltages Available)
•
Hermetically Sealed
•
Controlled Avalanche
•
Low Thermal Resistance
•
High Surge Capability
•
Available in Axial & Square Tab Versions
•
Metallurgically Bonded
•
TX, TXV, and S-Level Screening Available
2/
• Replacement for: 1N 5415, US thru 1N5420, US
MAXIMUM RATINGS 3/
RATING
SYMBOL
VALUE
UNIT
Peak Repetitive Reverse
Voltage
And
DC Blocking Voltage
SPD5415
SPD5416
SPD5417
SPD5418
SPD5419
SPD5420
VRRM
VRWM
VR
50
100
200
400
500
600
Volts
Average Rectified Forward Current 4/
TA = 55°C
TA = 100°C
IO
3
2
Amps
Peak Surge Current
(10 surges of 8.3 msec each at 1 minute intervals superimposed on IO = 0, VRSM = 0, TA = 100°C)
IFSM
80
Amps
Operating & Storage Temperature
TJ and
TSTG
-65 to +175
°C
Thermal Resistance
Junction to Lead for Axial, L =.375"
Junction to End Tab for Surface Mount
RθJL
RθJEC
20
10
°C/W
NOTES:
1/ For Ordering Information, Price, Operating Curves, and Availability- Contact Factory.
2/ Screened to MIL-PRF-19500.
3/ Unless Otherwise Specified, All Electrical Characteristics @25ºC.
4/ These ratings are typical for PC boards where thermal resistance from mounting point
to ambient is sufficiently controlled where TJ(MAX) is not exceeded.
For 3.0 Amps at TA = 55°C, derate linearly at 22 mA for 55°C ≤ TA ≤ 100°C.
For 2.0 Amps at TA = 100°C, derate linearly at 25 mA for 100°C ≤ TA ≤ 175°C.
Axial Leaded
SMS
NOTE: All specifications are subject to change without notification.
SCD's for these devices should be reviewed by SSDI prior to release.
DATA SHEET #: RC0106A
DOC


Similar Part No. - SPD5416

ManufacturerPart #DatasheetDescription
logo
Solid States Devices, I...
SPD5416 SSDI-SPD5416 Datasheet
216Kb / 2P
FAST RECOVERY RECTIFIER
More results

Similar Description - SPD5416

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
1N5802-1 MICROSEMI-1N5802-1 Datasheet
46Kb / 3P
2.5 AMPS FAST RECOVERY RECTIFIER CHIP 50 - 150 VOLTS
1N5807 MICROSEMI-1N5807 Datasheet
46Kb / 3P
6 AMPS FAST RECOVERY RECTIFIER CHIP 50 - 150 VOLTS
logo
Solid States Devices, I...
SDR526 SSDI-SDR526 Datasheet
29Kb / 2P
3 AMPS 600 - 900 VOLTS 35 nsec HYPER FAST RECTIFIER
SPD6627 SSDI-SPD6627 Datasheet
99Kb / 2P
4 AMPS, 400 thru 600 VOLTS 30 nsec HYPER FAST RECOVERY RECTIFIER
SDR3PF SSDI-SDR3PF Datasheet
199Kb / 2P
3 AMPS, 1300-1800 VOLTS 650 nsec FAST RECOVERY RECTIFIER
SPD4942SM SSDI-SPD4942SM Datasheet
97Kb / 2P
1 AMPS 200-1000 VOLTS 150-200 nsec FAST RECOVERY RECTIFIER
SDR1004F SSDI-SDR1004F Datasheet
201Kb / 2P
100 AMPS, 400-1000 VOLTS 270 nsec FAST RECTIFIER
SFA40PME SSDI-SFA40PME Datasheet
411Kb / 2P
68 AMPS 400 - 600 VOLTS 40 nsec HYPER FAST PDSITIVE CENTERTAP RECTIFIER
1N3879 SSDI-1N3879 Datasheet
201Kb / 2P
6 AMPS 50-400 VOLTS 120 nsec FAST RECOVERY RECTIFIER
SPD5186 SSDI-SPD5186 Datasheet
213Kb / 2P
3 Amps 150-200 nsec 100-1000 V Fast Recovery Rectifier
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com