Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPD5552 Datasheet(PDF) 1 Page - Solid States Devices, Inc

Part # SPD5552
Description  5 AMPS, 200 thru 1000 VOLTS 2 關sec STANDARD RECOVERY RECTIFIER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSDI [Solid States Devices, Inc]
Direct Link  http://www.ssdi-power.com
Logo SSDI - Solid States Devices, Inc

SPD5552 Datasheet(HTML) 1 Page - Solid States Devices, Inc

  SPD5552 Datasheet HTML 1Page - Solid States Devices, Inc SPD5552 Datasheet HTML 2Page - Solid States Devices, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Solid State Devices, Inc.
14701 Firestone Blvd * La Mirada, Ca 90638
Phone: (562) 404-4474 * Fax: (562) 404-1773
ssdi@ssdi-power.com * www.ssdi-power.com
Designer’s Data Sheet
Part Number/Ordering Information 1/
SPD
__ __ __
└ Screening 2/
__ = Not Screened
TX = TX Level
TXV = TXV
S = S Level
│
│
│
│
│
│
└ Package Type
__ = Axial Leaded
SMS = Surface Mount Square Tab
│
│
│
│
│
│
│
│
│
│
└ Voltage/Family
5550 = 200V
5551 = 400V
5552 = 600V
5553 = 800V
5554 = 1000V
SPD5550
Thru
SPD5554 Series
5 AMPS, 200 thru 1000 VOLTS
2
μsec
STANDARD RECOVERY
RECTIFIER
FEATURES:
•
Standard Recovery: 2
μsec maximum
•
PIV up to 1000 Volts
•
Low Reverse Leakage Current
•
Hermetically Sealed
•
Single Chip Construction
•
Replacement for 1N5550 thru 1N5554 Series
•
Low Thermal Resistance
•
For Higher Voltages-See SSDI p/n SDR6557 Series
•
TX, TXV, and Space Level Screening Available
•
Fast Recovery Versions Available. Contact Factory.
MAXIMUM RATINGS
Symbol
Value
Units
Peak Repetitive Reverse Voltage and
DC Blocking Voltage
SPD5550
SPD5551
SPD5552
SPD5553
SPD5554
VRRM
VRWM
VR
200
400
600
800
1000
Volts
Average Rectified Forward Current
(Resistive Load, 60 Hz, Sine Wave)
TEC=130
oC (SMS)
TL=30
oC at .375” (Axial)
TA=55
oC PCB Mount
IO
5.0
1.3
1.3
Amps
Peak Surge Current
(8.3 ms Pulse, Half Sine Wave, Superimposed on IO, allow junction to
reach equilibrium between pulses, TA=25
oC)
IFSM
100
Amps
Operating and Storage Temperature
TOP & Tstg
-65 to +175
oC
Maximum Thermal Resistance
Junction to Lead, L = 0.375” (Axial Lead)
Junction to End Tab (Surface Mount
RθJL
RθJE
22
6.5
oC/W
Axial Leaded (__)
Square Tab Surface Mount (SMS)
NOTE: All specifications are subject to change without notification.
SCD's for these devices should be reviewed by SSDI prior to release.
DATA SHEET #: RC0112A
DOC


Similar Part No. - SPD5552

ManufacturerPart #DatasheetDescription
logo
Solid States Devices, I...
SPD5552 SSDI-SPD5552 Datasheet
156Kb / 2P
STANDARD RECOVERY RECTIFIER
More results

Similar Description - SPD5552

ManufacturerPart #DatasheetDescription
logo
Solid States Devices, I...
SDR10A SSDI-SDR10A Datasheet
202Kb / 2P
10 AMPS 950 -1000 VOLTS 5 uSEC STANDARD RECOVERY RECTIFIER
SDR10ASMS SSDI-SDR10ASMS Datasheet
213Kb / 2P
10 AMPS 950 -1000 VOLTS 5 uSEC STANDARD RECOVERY RECTIFIER
SPD5614 SSDI-SPD5614 Datasheet
112Kb / 2P
1 AMP 200 ??1000 VOLTS STANDARD RECOVERY RECTIFIER
SPD5614SM SSDI-SPD5614SM Datasheet
167Kb / 2P
1 AMP 200 ??1000 VOLTS STANDARD RECOVERY RECTIFIER
SDR12 SSDI-SDR12 Datasheet
33Kb / 2P
12 AMPS 200 - 1000 VOLTS 5 usec STANDARD RECOVERY RECTIFIER
SPD4942SM SSDI-SPD4942SM Datasheet
97Kb / 2P
1 AMPS 200-1000 VOLTS 150-200 nsec FAST RECOVERY RECTIFIER
SDR9400S10 SSDI-SDR9400S10 Datasheet
126Kb / 2P
400 AMPS 1000 ??2000 VOLTS 25 關sec STANDARD RECOVERY HIGH CURRENT RECTIFIER
SPD5624 SSDI-SPD5624 Datasheet
44Kb / 2P
3 AMP 200-1000 Volts 5 usec STANDARD RECOVERY RECTIFIER
SDR12 SSDI-SDR12_1 Datasheet
157Kb / 2P
12 AMPS 200 - 1000 VOLTS 5 usec STANDARD RECOVERY RECTIFIER
SDR10D SSDI-SDR10D Datasheet
188Kb / 2P
10 AMPS 200 - 1000 VOLTS 5 ns STANDARD RECOVERY RECTIFIER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com