Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP6203 Datasheet(PDF) 2 Page - Sipex Corporation

Part # SP6203
Description  Low Noise, 300mA and 500mA CMOS LDO Regulators
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP6203 Datasheet(HTML) 2 Page - Sipex Corporation

  SP6203 Datasheet HTML 1Page - Sipex Corporation SP6203 Datasheet HTML 2Page - Sipex Corporation SP6203 Datasheet HTML 3Page - Sipex Corporation SP6203 Datasheet HTML 4Page - Sipex Corporation SP6203 Datasheet HTML 5Page - Sipex Corporation SP6203 Datasheet HTML 6Page - Sipex Corporation SP6203 Datasheet HTML 7Page - Sipex Corporation SP6203 Datasheet HTML 8Page - Sipex Corporation SP6203 Datasheet HTML 9Page - Sipex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
2
Date: Apr2-07
SP6203/SP6205 Low Noise, 300 and 500mA CMOS LDO Regulators
© 2007 Sipex Corporation
2
Date: 2//05
SP6203/6205 Low Noise, 300 and 500mA CMOS LDO Regulators
© Copyright 2005 Sipex Corporation
ELECTRiCAL SPECiFiCATiONS
ABSOLUTE MAXiMUM RATiNGS
Supply Input Voltage (VIN)..........................................................-2V to 6V
Output Voltage (VOUT).....................................................-0.6V to VIN +V
Enable Input Voltage (VEN)........................................................-2V to 6V
Power Dissipation (PD)......................................Internally Limited, Note 
Lead Temperature (soldering 5s)...........................................+260°C
Storage Temperature.....................................................-65°C to +50°C
Junction Temperature..........................................................+50°C
Thesearestressratingsonlyandfunctionaloperationofthedeviceatthese
ratings or any other above those indicated in the operation sections of the
specifications below is not implied. Exposure to absolute maximum rating
conditions for extended periods of time may affect reliability.
Unless otherwise specified: VIN=VOUT + 0.5V to 6V, COUT = 2.2µF ceramic, CIN = 2.2µF, IOUT =00µA,
-0°C < T < 25°C. The denotes the specifications which apply over full operating temperature range -0°C to
+25°C, unless otherwise specified.
PARAMETER
MiN
TYP
MAX
UNiTS
CONDiTiONS
Input Voltage
6
V
Output Voltage Accuracy
-2
+2
%
Variation from specified VOUT
Output Voltage
50
ppm/°C
VOUT/ T
Temperature Coefficient, Note2
Reference Voltage
.225
.25
.275
V
Adjustable version only
Line Regulation
0.0
0.3
%/V
VOUT (VIN below 6V)
Load Regulation, Note 3
0.07
0.3
%
IOUT = 0.mA to 300mA (SP6203)
0.3
0.5
IOUT = 0.mA to 500mA (SP6205)
Dropout Voltage for VOUT > 3.0V,
0.06
IOUT = 0.mA
Note 
60
IOUT = 00mA
20
mV
IOUT = 200mA
0
300
IOUT = 300mA (SP6203)
300
500
IOUT = 500mA (SP6205)
Ground Pin Current, Note 5
5
00
IOUT = 0.mA (IQUIESCENT)
0
IOUT = 00mA
75
µ
A
IOUT = 200mA
235
330
IOUT = 300mA (SP6203)
350
0
IOUT = 500mA (SP6205)
Shutdown Supply Current
0.0

µ
A
VEN < 0.V (shutdown)
Current Limit
0.33
0.50
0.
A
VOUT = ZeroV (SP6203)
0.55
0.5
.
VOUT = ZeroV (SP6205)
Thermal Shutdown Junction
70
°
C
Regulator Turns off
Temperature
Thermal Shutdown Hysteresis
2
°
C
Regulator turns on again at 5°C
Power Supply Rejection Ratio
67
dB
f kHz
Output Noise Voltage, Note 6
50
CBYP = 0nF, IOUT = 0.mA
630
CBYP = 0nF, IOUT =300mA
2
µ
VRMS
CBYP = 0nF, IOUT = 0.mA
50
75
CBYP = 0nF, IOUT = 300mA
Thermal Regulation, Note 7
0.05
%/W
VOUT/ PD
Wake-Up Time (TWU), Note 
25
50
µ
s
VIN V, Note 0
(from shutdown mode)
IOUT = 30mA
Turn-On Time (TON), Note 
60
20
µ
s
VIN V, Note 0
(from shutdown mode)
IOUT = 30mA
Turn-Off Time (TOFF),
00
250
µ
s
IOUT = 0.mA, VIN V, Note 0
5
25
IOUT = 300mA, VIN V, Note 0
Output Discharge Resistance
30
No Load
Enable Input Logic Low Voltage
0.
V
Regulator Shutdown
Enable Input Logic High Voltage
.6
V
Regulator Enabled
Input Voltage (V
IN)...........................................+2.7V to +5.5V
Enable Input Voltage (V
EN)...........................................0 to 5.5V
Junction Temperature (T
J)...........................................-0°C to +25°C
Thermal Resistance, SOT-23-5 (
JA)...........................................Note 
Thermal Resistance, SOT-23-6 (
JA)...........................................Note 
Remark: The device is not guaranteed to function outside its operating rating.
OPERATiNG RATiNGS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com