Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP6265 Datasheet(PDF) 13 Page - Sipex Corporation

Part # SP6265
Description  Dual Low-Dropout CMOS Voltage Regulator
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP6265 Datasheet(HTML) 13 Page - Sipex Corporation

Back Button SP6265 Datasheet HTML 5Page - Sipex Corporation SP6265 Datasheet HTML 6Page - Sipex Corporation SP6265 Datasheet HTML 7Page - Sipex Corporation SP6265 Datasheet HTML 8Page - Sipex Corporation SP6265 Datasheet HTML 9Page - Sipex Corporation SP6265 Datasheet HTML 10Page - Sipex Corporation SP6265 Datasheet HTML 11Page - Sipex Corporation SP6265 Datasheet HTML 12Page - Sipex Corporation SP6265 Datasheet HTML 13Page - Sipex Corporation  
Zoom Inzoom in Zoom Outzoom out
 13 / 13 page
background image

Mar2-07 Rev O
SP6265 Dual Low-Dropout CMOS Voltage Regulator
© 2007 Sipex Corporation
Detailed Description
The S
P6265 is low-dropout, low quiescent-current
linear regulator designed primarily for battery-powered
applications. These parts are available with preset output
voltage ranging from .8V to .V, and the parts can
supply loads up to 50mA.
The S
P6265 features two Ω P-Channel MOSFET
pass
transistors.
A
P-Channel
MOSEFT
provides
several advantages over similar designs using PNP
pass transistors, including longer battery life. It requires
no base drive, which reduces quiescent current sig-
nificantly. The S
P6265 only consumes 70µA of qui-
escent current whether in dropout, light-load, or heavy-
load applications.
The
S
P6265
contains
two
independent
current
limiters, one for each regulator, which monitor and con-
trol
the
pass
transistor’ s
gate
voltage,
limiting
the
guaranteed maximum output current to 80mA minimum.
The output can be shorted to ground for an indefinite time
without damaging the part.
Use a µF capacitor on the S
P6265 input and a µF
capacitor on the outputs. Larger input capacitor values
and lower ESRs provide better supply noise rejection
and line transient response.
Thermal -overload protection limits total power dis-
sipation in the
S
P6265. When the junction temperat-
ure exceeds T
J=50
o
C, the thermal sensor signals the
shut
down logic, turning off the pass transistor and al-
lowing the IC to cool.
S
P6265A & SP6265B
The S
P6265A and SP6265B have a single shutdown
control input(EN). Drive EN low to shut down both outputs,
reducing supply current to 0.µA. Connect EN to a logic-
high, or IN, for normal operation.
S
P6265F-SP6265M
The S
P6265F-SP6265M
have independent shutdown
control inputs (EN and EN2). Drive EN low to shutdown
V
OUT. Drive EN2 low to shut down VOUT2. Drive both EN
and EN2 low to shut down the entire chip, reducing supply
current to 0.µA. Connect both EN and EN2 to a logic-
high, or IN, for normal operation.
Shutdown
Application information
Capacitor Selection and Regulator Stability
PSRR and Operation from Sources Other
than Batteries
The S
P6265 is designed to deliver low dropout
voltages and low quiescent current in battery powered
systems.
Power-supply
rejection
is
5dB
at
low
frequencies. (See the PSRR vs. Frequency graph)
internal P-Channel Pass Transistor
Thermal-Overload Protection
Current Limit
Sipex Corporation
Headquarters and
Sales Office
2 South Hillview Drive
Milpitas, CA 505
TEL: (08) -7500
FAX: (08) 5-7600
ORDeRing inFORMATiOn
Sipex Corporation reserves the right to make changes to any products described herein. Sipex does not assume
any liability arising out of the application or use of any product or circuit described herein; neither does it convey
any license under its patent rights nor the rights of others.
Solved by
TM
Part Number
Voltage
Pin/
Pin
Trait
Voltage
Accuracy
Operating
Temperature
Range
Package
Marking*
Packing
Quantity
SP6265AEK-L/TR
V=.8V
V2=2.5V
Bypass/
Enable
.5%
-0ºC to +85ºC TSOT-26
XWW
,000
Tape & Reel
SP6265BEK-L/TR
V=.8V
V2=2.8V
Bypass/
Enable
.5%
-0ºC to +85ºC TSOT-26
YWW
,000
Tape & Reel
SP6265FEK-L/TR
V=.8V
V2=2.5V
Dual
Enable
.5%
-0ºC to +85ºC TSOT-26
DAWW
,000
Tape & Reel
SP6265GEK-L/TR
V=.8V
V2=2.8V
Dual
Enable
.5%
-0ºC to +85ºC TSOT-26
EAWW
,000
Tape & Reel
SP6265HEK-L/TR
V=.8V
V2=.V
Dual
Enable
.5%
-0ºC to +85ºC TSOT-26
FAWW
,000
Tape & Reel
SP6265JEK-L/TR
V=2.85V
V2=2.85V
Dual
Enable
.5%
-0ºC to +85ºC TSOT-26
GAWW
,000
Tape & Reel
SP6265KEK-L/TR
V=.0V
V2=.0V
Dual
Enable
.5%
-0ºC to +85ºC TSOT-26
HAWW
,000
Tape & Reel
SP6265LER-L/TR
V=.8V
V2=2.5V
Dual
Enable
.5%
-0ºC to +85ºC
DFN8
6265LEWWX
,000
Tape & Reel
SP6265MER-L/TR
V=.8V
V2=2.8V
Dual
Enable
.5%
-0ºC to +85ºC
DFN8
6265MEWWX
,000
Tape & Reel
*Note: “WW” = Product Work Week, “X” = st Alpha of Lot Number



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com