Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP6334 Datasheet(PDF) 3 Page - Sipex Corporation

Part # SP6334
Description  Quad 關Power Supervisory Circuits with Manual Reset & Watchdog
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP6334 Datasheet(HTML) 3 Page - Sipex Corporation

  SP6334 Datasheet HTML 1Page - Sipex Corporation SP6334 Datasheet HTML 2Page - Sipex Corporation SP6334 Datasheet HTML 3Page - Sipex Corporation SP6334 Datasheet HTML 4Page - Sipex Corporation SP6334 Datasheet HTML 5Page - Sipex Corporation SP6334 Datasheet HTML 6Page - Sipex Corporation SP6334 Datasheet HTML 7Page - Sipex Corporation SP6334 Datasheet HTML 8Page - Sipex Corporation SP6334 Datasheet HTML 9Page - Sipex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
Nov20-06 Rev M
SP6330/32/34 Quad Power Supervisory Circuit Family
© Copyright 2006 Sipex Corporation
3
ELECTRICAL CHARACTERISTICS
PARAMETER
MIN
TYP
MAX
UNITS
CONDITIONS
Operating Voltage
Range
0.9
5.5
V
TA = -40ºC to +85ºC
20
30
uA
V1 < 5.5V, V2 < 3.60V, all I/O
pins open
15
25
V1 < 3.6V, V2 < 2.75V, all I/O
pins open
4.532
4.625
4.718
Z (valid for V1 falling)
4.287
4.375
4.463
Y (valid for V1 falling)
3.013
3.075
3.137
X (valid for V1 falling)
2.866
2.925
2.984
W (valid for V1 falling)
V1 Reset
2.572
2.625
2.678
V (valid for V1 falling)
Threshold
2.273
2.320
2.367
U (valid for V1 falling)
2.146
2.190
2.234
T (valid for V1 falling)
1.636
1.670
1.704
S (valid for V1 falling)
1.548
1.580
1.612
R (valid for V1 falling)
2.266
2.313
2.360
J (valid for V2 falling)
2.144
2.188
2.232
I (valid for V2 falling)
1.631
1.665
1.698
H (valid for V2 falling)
1.543
1.575
1.607
G (valid for V2 falling)
V2 Reset
1.360
1.388
1.416
F (valid for V2 falling)
Threshold
1.286
1.313
1.340
E (valid for V2 falling)
1.087
1.110
1.133
D (valid for V2 falling)
1.029
1.050
1.071
C (valid for V2 falling)
0.816
0.833
0.850
B (valid for V2 falling)
0.772
0.788
0.804
A (valid for V2 falling)
Threshold 1
Tempco
0.06
mV/ºC
Threshold 2
Tempco
0.04
mV/ºC
Threshold 1
Hysteresis
0.65
%
reference to Vth1 typical
Threshold 2
Hysteresis
0.5
%
reference to Vth2 typical
V1 to RST/RSTB
Delay
50
us
V1 = Vth1 to (Vth1-0.1V), Vth1
= 3.075
V2 to RST/RSTB
Delay
50
us
V2 = Vth2 to (Vth2-0.1V), Vth2
= 1.575
Reset Timeout
Period (T1)
37
50
63
ms
TOPT-1
Reset Timeout
Period (T2)
74
100
126
ms
TOPT-2
Reset Timeout
Period (T3)
148
200
252
ms
TOPT-3
Reset Timeout
Period (T4)
296
400
504
ms
TOPT-4
V1 =1.6V to 5.5V; TA = -40ºC to +85ºC; unless otherwise noted. Typical values are at TA =+25ºC
Supply Current
V
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com