Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP6341 Datasheet(PDF) 6 Page - Sipex Corporation

Part # SP6341
Description  Triple 關Power Supervisory Circuit with Manual Reset and Watchdog
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP6341 Datasheet(HTML) 6 Page - Sipex Corporation

Back Button SP6341 Datasheet HTML 2Page - Sipex Corporation SP6341 Datasheet HTML 3Page - Sipex Corporation SP6341 Datasheet HTML 4Page - Sipex Corporation SP6341 Datasheet HTML 5Page - Sipex Corporation SP6341 Datasheet HTML 6Page - Sipex Corporation SP6341 Datasheet HTML 7Page - Sipex Corporation SP6341 Datasheet HTML 8Page - Sipex Corporation SP6341 Datasheet HTML 9Page - Sipex Corporation SP6341 Datasheet HTML 10Page - Sipex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
Nov 20-06 Rev J
SP6339-SP6341 Triple µPower Supervisory Circuit
© Copyright 2006 Sipex Corporation
6
The SP6339 and SP6341 include a low-
voltage precision bandgap reference, three
precision comparators, an oscillator, a digital
counter chain, a logic control block, trimmed
resistor divider chains and additional
supporting circuitry. The family is designed
to supervise up to 3 independent supply
voltages. V1 and V2 supply inputs have
their resistor dividers on the chip. Their trip
thresholds are factory trimmed. The V3
input allows users to customize an additional
supply threshold to be monitored by means
of an external resistor divider. The parts are
furnished with manual reset and watchdog
output functionalities. The watchdog
functionality cannot be disabled.
Block Diagram
THEORY OF OPERATION
OSC
WDI
LOGIC
CONTROL
LOGIC
V1
V2
V3
WDI
RSTB
GND
1.25V
0.5V
MRIB
WDOB
Band
Gap
Ref



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com