Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP6641A Datasheet(PDF) 13 Page - Sipex Corporation

Part # SP6641A
Description  500mA Alkaline DC/DC Boost Regulator in SOT-23
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP6641A Datasheet(HTML) 13 Page - Sipex Corporation

Back Button SP6641A Datasheet HTML 5Page - Sipex Corporation SP6641A Datasheet HTML 6Page - Sipex Corporation SP6641A Datasheet HTML 7Page - Sipex Corporation SP6641A Datasheet HTML 8Page - Sipex Corporation SP6641A Datasheet HTML 9Page - Sipex Corporation SP6641A Datasheet HTML 10Page - Sipex Corporation SP6641A Datasheet HTML 11Page - Sipex Corporation SP6641A Datasheet HTML 12Page - Sipex Corporation SP6641A Datasheet HTML 13Page - Sipex Corporation  
Zoom Inzoom in Zoom Outzoom out
 13 / 13 page
background image
13
Rev. 5/26/05,
*Patent Pending
SP6641A/6641B 500mA Alkaline DC/DC Boost Regulator in SOT-23
© Copyright 2002 Sipex Corporation
ORDERING INFORMATION
Part Number
TOP MARK
Temperature Range
Package Type
SP6641AEK-3.3/TR ............. K1 ...................... -40°C to 85°C ........ (Tape & Reel) 5-Pin SOT-23
SP6641BEK-3.3/TR ............. L1 ...................... -40°C to 85°C ........ (Tape & Reel) 5-Pin SOT-23
SP6641AEK-5.0/TR ............. P1 ...................... -40°C to 85°C ........ (Tape & Reel) 5-Pin SOT-23
SP6641BEK-5.0/TR ............. Q1 ...................... -40°C to 85°C ........ (Tape & Reel) 5-Pin SOT-23
Corporation
SIGNALPROCESSINGEXCELLENCE
Sipex Corporation reserves the right to make changes to any products described herein. Sipex does not assume any liability arising out of the
application or use of any product or circuit described herein; neither does it convey any license under its patent rights nor the rights of others.
Sipex Corporation
Headquarters and
Sales Office
22 Linnell Circle
Billerica, MA 01821
TEL: (978) 667-8700
FAX: (978) 670-9001
e-mail: sales@sipex.com
Sales Office
233 South Hillview Drive
Milpitas, CA 95035
TEL: (408) 934-7500
FAX: (408) 935-7600
Available in lead free packaging. To order add “-L” suffix to part number.
Example: SP6641AEK-3.3/TR = standard; SP6641AEK-L-3.3/TR = lead free, Top Mark “H4”.
/TR = Tape and Reel
Pack quantity is 2,500 for SOT23.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com