Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP6265LER-L/TR Datasheet(PDF) 3 Page - Sipex Corporation

Part # SP6265LER-L/TR
Description  Dual Low-Dropout CMOS Voltage Regulator
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP6265LER-L/TR Datasheet(HTML) 3 Page - Sipex Corporation

  SP6265LER-L/TR Datasheet HTML 1Page - Sipex Corporation SP6265LER-L/TR Datasheet HTML 2Page - Sipex Corporation SP6265LER-L/TR Datasheet HTML 3Page - Sipex Corporation SP6265LER-L/TR Datasheet HTML 4Page - Sipex Corporation SP6265LER-L/TR Datasheet HTML 5Page - Sipex Corporation SP6265LER-L/TR Datasheet HTML 6Page - Sipex Corporation SP6265LER-L/TR Datasheet HTML 7Page - Sipex Corporation SP6265LER-L/TR Datasheet HTML 8Page - Sipex Corporation SP6265LER-L/TR Datasheet HTML 9Page - Sipex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image

Mar2-07 Rev O
SP6265 Dual Low-Dropout CMOS Voltage Regulator
© 2007 Sipex Corporation
Parameter
Symbol
Min
Typ Max Units
Input Supply Voltage
VIN
Note
5.5
V
Quiescent Current
IQ
70
60
µ
A
-.5
.5
TJ=25oC
-0.2
0.2
TJ=-0oC to +25oC -0.25
0.25
Load Regulation
REGLOAD
mA<IOUT
TJ = 0oC to +25oC -0.005 +0.0025 0.005 %/mA
Current Limit
ILIM
80
600
Short Circuit Current
ISC
200
50
55
55
8
550
µ
VRMS
5.5
µ
V/√HZ
VEH
VIN=2.V to 5.5V
2.
V
VEL
VIN=2.V to 5.5V
0.
V
IEL
EN=0V
IEH
EN=5V
Shutdown Current
ISHDN
0.

Start-Up Rise Time
.25
ms
Over Temperature Shutdown
OTS
50
oC
Over Temperature Hysteresis
OTH
20
oC
OUT1, OUT2
CBYP=0nF
BYP
f=0kHZ, CBYP=0nF, IOUT=mA
f=kHz to 00kHz
CBYP=0nF, COUT=µF
en1, en2
f=kHz to 00kHz
CBYP=0nF, COUT=µF
Enable Input Threshold
Test Condition
IOUT=mA
in
VOUT
TJ = 0oC to +25oC
Output Voltage
VO
%/V
Line Regulation
REGLINE
VOUT+V<VIN<5.5V,
IOUT=mA
Over Temperature Protection
dB
Output Voltage Noise
Ripple Rejection
f=00HZ, CBYP=0nF, IOUT=mA
f=kHZ, CBYP=0nF, IOUT=mA
VIN=5.0V
-
0.5
µ
A
VIN=5.0V, EN=EN2=0V
PSRR
0mA<IOUT<=50mA
VOUT+V<VIN<5.5V
Each Channel
mA
en
-2
2
%
Dropout Voltage
VDROP
TJ=-0oC to +25oC

50
IOUT=IOUT2=50mA
VO=VO(NOM)-2%,
VO(NOM)<2.5V
EN Input Bias Current
TJ= 0oC to +25oC
IOUT=IOUT2=50mA
VO=VO(NOM)-2%,
VO(NOM)>=2.5V
mV
00
mV
Note: V
IN(min)= VOUT2 + VDropout
electrical Specifications
Unless specified: T
J=25
O
C, V
IN=Higher VOUT+V, IOUT=IOUT2=mA, CIN=COUT=.0µF, VEN=VEN2=VIN
Typical values are at T
J=25
O
C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com