Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP6265MER-L/TR Datasheet(PDF) 2 Page - Sipex Corporation

Part # SP6265MER-L/TR
Description  Dual Low-Dropout CMOS Voltage Regulator
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP6265MER-L/TR Datasheet(HTML) 2 Page - Sipex Corporation

  SP6265MER-L/TR Datasheet HTML 1Page - Sipex Corporation SP6265MER-L/TR Datasheet HTML 2Page - Sipex Corporation SP6265MER-L/TR Datasheet HTML 3Page - Sipex Corporation SP6265MER-L/TR Datasheet HTML 4Page - Sipex Corporation SP6265MER-L/TR Datasheet HTML 5Page - Sipex Corporation SP6265MER-L/TR Datasheet HTML 6Page - Sipex Corporation SP6265MER-L/TR Datasheet HTML 7Page - Sipex Corporation SP6265MER-L/TR Datasheet HTML 8Page - Sipex Corporation SP6265MER-L/TR Datasheet HTML 9Page - Sipex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
2
Mar2-07 Rev O
SP6265 Dual Low-Dropout CMOS Voltage Regulator
© 2007 Sipex Corporation
Parameter
Symbol
Rating
Unit
Ambient Temperature Range
TA
-0 to +85
oC
Junction Temperature Range
TJ
-0 to +25
oC
Absolute Maximum Ratings
Recommended Operating Conditions
Thermal information
Caution: Stress above the listed absolute maximum rating may cause permanent damage to the device.
* HBM C: 000V+
Parameter
Maximum
Unit
Input Voltage
6
V
Output Current
PD / [2VIN-(VOUT+VOUT2)]
mA
Output Voltage
GND-0. to VIN+0.
V
ESD Classification
C*
* Measure θ
JC on center of molding compound if IC has no tab.
**MIL-STD-202G20F
Parameter
Package
Die Attach Symbol Maximum
Unit
TSOT-26
8
DFN-8
(mmxmmx0.6mm)
7
TSOT-26
260
DFN-8
(mmxmmx0.6mm)
25
TSOT-26
00
DFN-8
(mmxmmx0.6mm)
800
50
oC
50
oC
Solder Iron (0 Sec)**
θJC
θJA
Internal Power Dissipation
Conductive
Epoxy
PD
oC / W
Maximum Junction Temperature
Thermal Resistance*
(Junction to Case)
Thermal Resistance
(Junction to Ambient)
mW



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com