Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IDH06S60C Datasheet(PDF) 2 Page - Inchange Semiconductor Company Limited

Part # IDH06S60C
Description  SiC Schottky Rectifier
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

IDH06S60C Datasheet(HTML) 2 Page - Inchange Semiconductor Company Limited

  IDH06S60C Datasheet HTML 1Page - Inchange Semiconductor Company Limited IDH06S60C Datasheet HTML 2Page - Inchange Semiconductor Company Limited IDH06S60C Datasheet HTML 3Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
ISCD7021
eq IDH06S60C
SiC Schottky Rectifier
www.iscsemi.com
2
ELECTRICAL CHARACTERISTICS
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNIT
VF
Diode Forward Voltage
IF= 6A,TJ= 25℃
--
--
1.7
V
IF= 6A,TJ= 150℃
--
--
2.1
IR
Reverse Current
VR=VRRM;TJ=25℃
--
--
80
uA
VR=VRRM;TJ=150℃
--
--
0.8
mA
PACKAGE OUTLINE (UNIT: mm):



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com