Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RF3166D Datasheet(PDF) 7 Page - RF Micro Devices

Part # RF3166D
Description  DUAL-BAND GSM900/DCS POWER AMP MODULE
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF3166D Datasheet(HTML) 7 Page - RF Micro Devices

Back Button RF3166D Datasheet HTML 3Page - RF Micro Devices RF3166D Datasheet HTML 4Page - RF Micro Devices RF3166D Datasheet HTML 5Page - RF Micro Devices RF3166D Datasheet HTML 6Page - RF Micro Devices RF3166D Datasheet HTML 7Page - RF Micro Devices RF3166D Datasheet HTML 8Page - RF Micro Devices RF3166D Datasheet HTML 9Page - RF Micro Devices RF3166D Datasheet HTML 10Page - RF Micro Devices RF3166D Datasheet HTML 11Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
2-497
RF3166D
Rev A2 061006
Application Schematic
Evaluation Board Schematic
50
Ωμstrip
50
Ωμstrip
50
Ωμstrip
50
Ωμstrip
DCS IN
BAND SELECT
TX ENABLE
VBATT
VRAMP
GSM IN
DCS OUT
GSM OUT
9
1
3
2
6
5
4
8
7
50
Ω μstrip
50
Ω μstrip
50
Ω μstrip
50
Ω μstrip
BAND SELECT
TX ENABLE
VBATT
VRAMP
22
μF*
Notes:
* The value of VBATT decoupling capacitor depends on the noise level of the phone board. Capacitor type
may be either tantalum or ceramic. Some applications may not require this capacitor.
1. All the PA output measurements are referenced to the PA output pad (pins 8 and 9).
2. The 50
Ω μstrip between the PA output pad and the SMA connector has an approximate insertion loss
of 0.1 dB for EGSM900 and 0.2 dB for DCS1800 bands.
GND
P1
1
CON1
DCS IN
GSM IN
DCS OUT
GSM OUT
VCC
P2
1
CON1
P2-1
9
1
3
2
6
5
4
8
7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com